Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 326 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 326 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 322Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 323Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 324Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 330Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
326
29.2 VOLTAGE REFERENCE (VREF) COMPONENTS
A decoupling capacitor is required between CREF and REFGND; a 2.2uF X5R capacitor is
recommended.
A reference resistor is required between RREF and REFGND; a 100k
Ω (1%) resistor is
recommended.
29.3 DC-DC (STEP-DOWN) CONVERTER EXTERNAL COMPONENTS
The recommended connections to the DC-DC (Step-Down) Converters are illustrated in Figure 88.
Figure 88 DC-DC (Step-Down) Converters External Components
When selecting suitable capacitors, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. It should be noted that some
components’ capacitance changes significantly depending on the DC voltage applied. Ceramic X7R
or X5R types are recommended.
The choice of output capacitor for DC-DC1 and DC-DC6 varies depending on the required transient
response. A value of 30
μF is recommended in the first instance. Larger values (up to 100μF) may be
required for optimum performance under large load transient conditions. Smaller values (down to
10
μF) may be sufficient for a steady load in some applications.
For layout and size reasons, users may choose to implement large values of output capacitance by
connecting two or more capacitors in parallel.
To ensure stable operation, the register fields DC1_CAP and DC6_CAP must be set according to the
output capacitance, as detailed in Table 156.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R180 (B4h)
15:14
DC1_CAP
00
DC-DC1 Output Capacitor
00 = 10uF, 30uF, 45uF
01 = 60uF, 85uF
10 = Not used
11 = 100uF
R195 (C3h)
15:14
DC6_CAP
00
DC-DC6 Output Capacitor
00 = 10uF, 30uF, 45uF
01 = 60uF, 85uF
10 = Not used
11 = 100uF
Table 156 Register Control for DC-DC1 and DC-DC6 Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com