Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8524 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8524 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
WM8524
Production Data
w
PD, Rev 4.1, October 2011
12
DEVICE DESCRIPTION
INTRODUCTION
The WM8524 provides high fidelity, 2Vrms ground referenced stereo line output from a single supply
line with minimal external components. The integrated DC servo eliminates the requirement for
external mute circuitry by minimising DC transients at the output during power up/down. The device
is well-suited to both stereo and multi-channel systems.
The device supports all common audio sampling rates between 8kHz and 192kHz using common
MCLK fs rates, with a slave mode audio interface.
The WM8524 supports a simple hardware control mode, allowing access to 24-bit LJ, RJ and I2S
audio interface formats, as well as a mute control.
An internal audio interface clock monitor
automatically mutes the DAC output if the BCLK is interrupted.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting audio data to the WM8524. The digital audio interface
uses three pins:
DACDAT: DAC data input
LRCLK: Left/Right data alignment clock
BCLK: Bit clock, for synchronisation
The WM8524 digital audio interface operates as a slave as shown in Figure 5.
Figure 5 Slave Mode
INTERFACE FORMATS
The WM8524 supports three different audio data formats:
Left justified
Right justified
I
2S
All three of these modes are MSB first. They are described in Audio Data Formats on page 13. Refer
to the “Electrical Characteristics” section for timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com