Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8524 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8524 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Production Data
WM8524
w
PD, Rev 4.1, October 2011
23
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MO-153, VARIATION = AB. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM013.B
DT: 16 PIN TSSOP (5.0 x 4.4 x 1.0 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
0.80
1.00
1.05
b
0.19
-----
0.30
c
0.09
-----
0.20
D
4.90
5.00
5.10
e
0.65 BSC
E
6.4 BSC
E1
4.30
4.40
4.50
L
0.45
0.60
0.75
0
o
-----
8
o
REF:
JEDEC.95, MO-153
A
A2
A1
c
L
GAUGE
PLANE
0.25
8
1
D
9
16
E1
E
e
b
SEATING PLANE
-C-
0.1 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com