Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS2 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # AFS2
Description  500mW UHF RF power amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

AFS2 Datasheet(HTML) 4 Page - Radiometrix Ltd

  AFS2 Datasheet HTML 1Page - Radiometrix Ltd AFS2 Datasheet HTML 2Page - Radiometrix Ltd AFS2 Datasheet HTML 3Page - Radiometrix Ltd AFS2 Datasheet HTML 4Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Radiometrix Ltd
Hartcran House
231 Kenton Lane
Harrow, Middlesex
HA3 8RP
ENGLAND
Tel: +44 (0) 20 8909 9595
Fax: +44 (0) 20 8909 2233
sales@radiometrix.com
www.radiometrix.com
Copyright notice
This product data sheet is the original work and copyrighted property of Radiometrix Ltd. Reproduction in
whole or in part must give clear acknowledgement to the copyright owner.
Limitation of liability
The information furnished by Radiometrix Ltd is believed to be accurate and reliable. Radiometrix Ltd
reserves the right to make changes or improvements in the design, specification or manufacture of its
subassembly products without notice. Radiometrix Ltd does not assume any liability arising from the
application or use of any product or circuit described herein, nor for any infringements of patents or other
rights of third parties which may result from the use of its products. This data sheet neither states nor implies
warranty of any kind, including fitness for any particular application. These radio devices may be subject to
radio interference and may not function as intended if interference is present. We do NOT recommend their
use for life critical applications.
The Intrastat commodity code for all our modules is: 8542 6000
R&TTE Directive
After 7 April 2001 the manufacturer can only place finished product on the market under the provisions of the
R&TTE Directive. Equipment within the scope of the R&TTE Directive may demonstrate compliance to the
essential requirements specified in Article 3 of the Directive, as appropriate to the particular equipment.
Further details are available on The Office of Communications (Ofcom) web site:
http://www.ofcom.org.uk/radiocomms/ifi/
Information Requests
Ofcom
Riverside House
2a Southwark Bridge Road
London SE1 9HA
Tel: +44 (0)845 456 3000 or 020 7981 3040
Fax: +44 (0)20 7783 4033
information.requests@ofcom.org.uk
European Radiocommunications Office (ERO)
Peblingehus
Nansensgade 19
DK 1366 Copenhagen
Tel. +45 33896300
Fax +45 33896330
ero@ero.dk
www.ero.dk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com