Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS2 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # AFS2
Description  500mW UHF RF power amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

AFS2 Datasheet(HTML) 1 Page - Radiometrix Ltd

  AFS2 Datasheet HTML 1Page - Radiometrix Ltd AFS2 Datasheet HTML 2Page - Radiometrix Ltd AFS2 Datasheet HTML 3Page - Radiometrix Ltd AFS2 Datasheet HTML 4Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radiometrix Ltd.,
AFS2 data sheet
Page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3
Custom variants from 420MHz to 470MHz on any 5MHz band
TX and RX path with <1dB loss
500mW RF power ouput (for 100mW in)
Operation at +5V (regulated)
Low current consumption: 250mA transmit, <2mA receive
Fully screened
Small Size: 33 x 23 x 9mm
Applications
Handheld terminals
EPOS and inventory tracking
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
Figure 2: AFS2 block diagram
Figure 1: AFS2-458
AFS2 amplifier module is intended to
increase the transmitted power of a
Radiometrix multi channel TR2M transceiver
module. It provides transmit and receive
paths, and can be simply 'dropped into' the
aerial connection. The AFS2 may be usable
with other 100mW output devices, but no
guarantees can be offered.
500mW UHF RF power amplifier
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
Issue 2, 30 July 2012
AFS2


Similar Part No. - AFS2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
AFS2-458 RADIOMETRIX-AFS2-458 Datasheet
188Kb / 3P
500mW RF power amplifier module
logo
Abracon Corporation
AFS20 ABRACON-AFS20 Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20-2D ABRACON-AFS20-2D Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
AFS20-EVAL ABRACON-AFS20-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
AFS2016-EVAL ABRACON-AFS2016-EVAL Datasheet
2Mb / 2P
AFS20 series SAW Filter Evaluation Board
01.26.15
More results

Similar Description - AFS2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TG2000F TOSHIBA-TG2000F Datasheet
260Kb / 5P
TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
logo
Motorola, Inc
MHW812A3 MOTOROLA-MHW812A3 Datasheet
243Kb / 4P
THE RF LINE UHF POWER AMPLIFIER
logo
Toshiba Semiconductor
S-AU82L TOSHIBA-S-AU82L Datasheet
143Kb / 4P
FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU83L TOSHIBA-S-AU83L Datasheet
142Kb / 4P
FM RF POWER AMPLIFIER MODULE for UHF BAND
3SK291 TOSHIBA-3SK291_07 Datasheet
744Kb / 6P
TV Tuner, UHF RF Amplifier Applications
logo
Radiometrix Ltd
AFS2-458 RADIOMETRIX-AFS2-458 Datasheet
188Kb / 3P
500mW RF power amplifier module
logo
New Japan Radio
NJM2275 NJRC-NJM2275_1 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
logo
New Jersey Semi-Conduct...
3SK249 NJSEMI-3SK249 Datasheet
218Kb / 2P
TV TUNER, UHF RF AMPLIFIER APPLICATION
2N6105 NJSEMI-2N6105 Datasheet
154Kb / 1P
UHF RF POWER TRANSISTOR
logo
List of Unclassifed Man...
CD7313GS ETC2-CD7313GS Datasheet
202Kb / 4P
500mW audio power amplifier circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com