Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXS30 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PXS30
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS30 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PXS30 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXS30 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 139 page
background image
Introduction
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
Figure 1. PXS30 block diagram
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CAN
– Controller area network controller
CMU
– Clock monitoring unit
CRC
– Cyclic redundancy check unit
CTU
– Cross triggering unit
EBI
– External bus interface
ECC
– Error correction code
ECSM
– Error correction status module
eDMA
– Enhanced direct memory access controller
FCCU
– Fault collection and control unit
FEC
– Fast Ethernet controller
FMPLL
– Frequency-modulated phase-locked loop
I2C
– Inter-integrated circuit controller
IRCOSC
– Internal RC oscillator
INTC
– Interrupt controller
JTAG
– Joint Test Action Group interface
MC
– Mode entry, clock, reset, & power modules
mDDR
– Mobile double data rate dynamic RAM
PBRIDGE – Peripheral I/O bridge
PDI
– Parallel data interface
PIT
– Periodic interrupt timer
PMU
– Power management unit
PWM
– Pulse width modulator module
RC
– Redundancy checker
RTC
– Real time clock
SEMA4
– Semaphore unit
SIUL
– System integration unit Lite
SPI
– Serial peripheral interface controller
SSCM
– System status and configuration module
STM
– System timer module
SWT
– Software watchdog timer
TSENS
– Temperature sensor
UART/LIN – Universal asynchronous receiver/transmitter/
local interconnect network
XOSC
– Crystal oscillator
Crossbar Switch (XBAR)
Memory Protection Unit (MPU)
SPE2
VLE
Cache
e200z7
Redundancy
Checker
MMU
SWT
Ethernet
MCM
PMU
STM
INTC
eDMA
Debug
JTAG
Nexus
FlexRay™
SPE2
VLE
Cache
e200z7
MMU
SWT
PDI
MCM
PMU
STM
INTC
eDMA
Redundancy Checker
PBRIDGE
2 MB Flash (ECC)
Crossbar Switch (XBAR)
Memory Protection Unit (MPU)
Redundancy Checker
PBRIDGE
MDDR
512 KB SRAM (ECC)
Redundancy Checker
Communications
I/O System
PXS30 Block Diagram
EBI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com