Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VLT80R Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPXS2010VLT80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VLT80R Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VLT80R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
74
IDDSTDBY2 CC D STANDBY2 mode
current8
(64K SRAM on)
SXOSC (32 KHz9) ON and RTC
running
TA = –40
oC—
470
—
A
DTA = 0
oC—
480
—
PTA = 25
oC
—
481
490
DTA = 55
oC—
525
—
DTA = 85
oC—
650
—
PTA = 105
oC
—
870
910
CC D
SXOSC (32 KHz) and RTC OFF
TA = –40
oC63
—
A
DTA = 0
oC85
—
PTA = 25
oC
93
100
DTA = 55
oC95
—
DTA = 85
oC190
—
PTA = 105
oC
390
430
IDDSTDBY1 CC D STANDBY1 mode
current
(8K SRAM on)10
SXOSC (32KHz) ON and RTC
running
TA = –40
oC—
415
—
A
DTA = 0
oC—
422
—
PTA = 25
oC
—
426
430
DTA = 55
oC—
575
—
DTA = 85
oC—
680
—
PTA = 105
oC
—
810
915
CC D
SXOSC (32 KHz) and RTC OFF
TA = –40
oC20
—
A
DTA = 0
oC22
—
PTA = 25
oC29
45
DTA = 55
oC47
—
DTA = 85
oC118
—
PTA = 105
oC
236
310
1 V
DD = 3.0 V to 5.5 V, TA = –40 to 105 °C, unless otherwise specified.
2 I
DDMAX is composed of the current consumption on all supplies (VDD12, VDDE_A, VDDE_B, VDDA, VDDR, VDDM, VDDPLL, and
VDD_DR). It does not include current consumption linked to I/Os toggling which is highly dependent on the application. The
given value is thought to be a worst case value with all peripherals running, and code fetched from code flash while modify
operation on-going on data flash. It is to be noticed that this value can be significantly reduced by application; switch-off not
used peripherals (default), reduce peripheral frequency through internal prescaler, fetch from RAM most used functions, use
low power mode when possible.
3 HIgher current may be sinked by device during power-up and standby exit. Please refer to inrush current in Table 21.
4 RUN current measured with typical application and accesses on both flash and RAM.
5 Data and Code Flash in Normal Power. Code fetched from RAM: DCUs running with 20MHz pixel clock, QuadSPI fetching data
at 80MHz, GPU accessing internal SRAM and external DRAM, DMA, RLE, and VIU active, Serial IPs CAN and LIN in loop
back mode, DSPI as Master, PLL as system Clock (4 x Multiplier) peripherals on (eMIOS/ADC/SMD/SSD/SGM) and running
at max frequency, periodic SW/WDG timer reset enabled.
Table 20. DC electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com