Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VLT80R Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPXS2010VLT80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VLT80R Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VLT80R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXS2010VLT80R Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
81
4.8.3
DC specification for CMOS090_ddr library @ VDDE = 3.3 V
4.8.4
DC specification for CMOS090_ddr library @ VDDE = 2.5 V
Table 28. DC electrical specifications at 3.3 V VDDE
Symbol
Parameter
Value
Unit
SpecID
Min
Max
Vdd
SR Core supply voltage
1.08
1.32
V
D9.71
1.08
1.47
Vdde
SR I/O supply voltage
3.0
3.6
V
D9.72
Vdd33
SR I/O pre-driver supply voltage
3.0
3.6
V
D9.73
Vref
SR Input reference voltage
1.3
1.7
V
D9.74
Vtt
SR Termination voltage
Vref – 0.05
Vref + 0.05
V
D9.75
Vih
SR Input high voltage
Vref + 0.20
—
V
D9.76
Vil
SR Input low voltage
—
Vref – 0.2
V
D9.77
Voh
SR Output high voltage
Vtt + 0.8
—
V
D9.78
Vol
SR Output low voltage
—
Vtt – 0.8
V
D9.79
Table 29. Output drive current @ VDDE = 3.3 V (±10%)
Pad
C
Drive mode
Minimum Ioh (mA)
Minimum Iol (mA)
pad_st_acc
P
111
–16
16
pad_st_dq
P
111
–16
16
pad_st_clk
P
111
–16
16
pad_st
P
111
–16
16
pad_st_odt
P
111
–16
16
pad_st_ck
P
111
–16
16
Table 30. DC electrical specifications at 2.5 V VDDE
Symbol
C
Parameter
Value
Unit
SpecID
Min
Max
Vdd
SR
P
Core supply voltage
1.08
1.32
V
D9.80
1.08
1.47
Vdde
SR
P
I/O supply voltage
2.3
2.7
V
D9.81
Vdd33
SR
P
I/O pre-driver supply voltage
3.0
3.6
V
D9.82
Vref
SR
P
Input reference voltage
0.49
 Vdde 0.51  Vdde
V
D9.83
Vtt
SR
P
Termination voltage
Vref – 0.04
Vref + 0.04
V
D9.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com