Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VLU80R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXS2010VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VLU80R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VLU80R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
Overview
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
8
Additional notes on low power operation:
•
Fast wake-up using the on-chip 16 MHz internal RC oscillator allows rapid execution from RAM on exit from low
power modes
•
The 16 MHz internal RC oscillator supports low speed code execution and clocking of peripherals when it is selected
as the system clock and can also be used as the PLL input clock source to provide fast start-up without the external
oscillator delay
•
The device includes an internal voltage regulator that includes the following features:
Table 2. Operating mode summary1
1
Table Key:
On—Powered and clocked
OP—Optionally configurable to be enabled or disabled (clock gated)
CG—Clock Gated, Powered but clock stopped
Off-—Powered off and clock gated
FP—VREG Full Performance mode
LP—VREG Low Power mode, reduced output capability of VREG but lower power consumption
Var—Variable duration, based on the required reconfiguration and execution clock speed
BAM—Boot Assist Module Software and Hardware used for device start-up and configuration
SoC features
Clock sources
Wake-up time2
2
A high level summary of some key durations that need to be considered when recovering from low power modes. This
does not account for all durations at wake up. Other delays will be necessary to consider including, but not limited to the
external supply start-up time.
IRC Wake-up time must not be added to the overall wake-up time as it starts in parallel with the VREG.
All other wake-up times must be added to determine the total start-up time.
RUN
On
OP
OP
OP
3
3
Either 64 KB or 8 KB available.
On
OP
OP
On
OP
On
OP
—
—
FP
—
—
—
—
—
—
—
HALT
CG
OP
OP
OP
3
On
OP
OP
On
OP
On
OP
OP
OP
FP
—
—
—
—
—
—
TBD
STOP
CG
CG CG
OP
3
On
CG CG
OP
OP
On
OP
OP
OP
LP 350 µs 4 µs 20 µs 1 ms 200 µs
—
24 µs
STANDBY
Off
Off
Off
64
KB
4
4
64 KB of the RAM contents is retained, but not accessible in STANDBY mode.
Off
Off
Off
OP
OP
OP
OP
OP
OP
LP 350 µs 8 µs 100 µs 1 ms 200 µs Var 28 µs
Off
Off
Off
8
KB
5
5
8 KB of the RAM contents is retained, but not accessible in STANDBY mode.
Off
Off
Off
OP
OP
OP
OP
OP
OP
LP 200 µs 8 µs 100 µs 1 ms 200 µs Var 28 µs
POR
500 µs 8 µs 100 µs 1 ms 200 µs
BAM
6
6
Dependent on boot option after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com