Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VLU80R Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPXS2010VLU80R
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VLU80R Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VLU80R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXS2010VLU80R Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
97
4.17
AC specifications
4.17.1
AC specification for CMOS090LP2 library @ VDDE = 3.3 V
Table 45. Functional pad type AC specifications
Name
C
Prop. delay (ns)
L>H / H>L1
1 L>H signifies low-to-high propagation delay and H>L signifies high-to-low propagation delay.
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
MinMax
MinMax
MSB, LSB
pad_ssr
C
—
4.5 / 4.5
—
2.2 / 2.2
50
112
2 Can be used on the tester.
—
8 / 8
—
6 / 6
200
—
45 / 45
—
22 / 22
50
10
—
60 / 60
—
28 / 28
200
—
90 / 90
—
42 / 42
50
01
—
110 / 110
—
50 / 50
200
—
430 / 430
—
210 / 210
50
00
—
480 / 480
—
220 / 220
200
pad_fc
C
—
2.5 / 2.5
—
1.2 / 1.2
10
00
—
2.5 / 2.5
—
1.2 / 1.2
20
01
—
2.5 / 2.5
—
1.2 / 1.2
30
10
—
2.5 / 2.5
—
1.2 / 1.2
50
112
pad_msr
C
—
4.0 / 4.5
—
1.02 / 1.4
50
112
—
7.3 / 8.3
—
3.5 / 4.2
200
—
24 / 22
—
9.1 / 10.3
50
10
—
33 / 31
—
14 / 15
200
—
49 / 44
—
18 / 21
50
01
—
60 / 53
—
24 / 25
200
—
332 / 302
—
126 / 151
50
00
—
362 / 325
—
136 / 158
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com