Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8271 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8271
Description  2A, 24V, 1.2MHz Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8271 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8271 Datasheet HTML 1Page - Richtek Technology Corporation RT8271 Datasheet HTML 2Page - Richtek Technology Corporation RT8271 Datasheet HTML 3Page - Richtek Technology Corporation RT8271 Datasheet HTML 4Page - Richtek Technology Corporation RT8271 Datasheet HTML 5Page - Richtek Technology Corporation RT8271 Datasheet HTML 6Page - Richtek Technology Corporation RT8271 Datasheet HTML 7Page - Richtek Technology Corporation RT8271 Datasheet HTML 8Page - Richtek Technology Corporation RT8271 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8271
1
DS8271-02 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
MSOP-10 (Exposed Pad)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
2A, 24V, 1.2MHz Step-Down Converter
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT8271 is a high voltage buck converter that can
support the input voltage range from 4.75V to 24V and the
output current can be up to 2A. Current Mode operation
provides fast transient response and eases loop
stabilization. The RT8271 also provides adjustable soft-
start to be a flexible solution for customers.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator draws 22
μA of supply
current. The RT8271 is available in the SOP-8 and
MSOP-10 (Exposed Pad) surface mount package.
Features
Wide Operating Input Range : 4.75V to 24V
Adjustable Output Voltage Range : 0.92V to 16V
Output Current up to 2A
22
μμμμμA Low Shutdown Current
Power MOSFET : 0.18
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 92%
1.2MHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Programmable Soft-Start
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
SS
FB
NC
VIN
NC
EN
COMP
SW
GND
BOOT
5
6
7
8
4
3
2
10
9
GND
11
BOOT
VIN
SW
GND
SS
EN
FB
COMP
2
3
4
5
6
7
8
SOP-8
Package Type
S : SOP-8
FP : MSOP-10 (Exposed Pad)
RT8271
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8271

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
The RT8274 is a high voltage buck converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
More results

Similar Description - RT8271

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com