Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8271 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8271
Description  2A, 24V, 1.2MHz Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8271 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8271 Datasheet HTML 1Page - Richtek Technology Corporation RT8271 Datasheet HTML 2Page - Richtek Technology Corporation RT8271 Datasheet HTML 3Page - Richtek Technology Corporation RT8271 Datasheet HTML 4Page - Richtek Technology Corporation RT8271 Datasheet HTML 5Page - Richtek Technology Corporation RT8271 Datasheet HTML 6Page - Richtek Technology Corporation RT8271 Datasheet HTML 7Page - Richtek Technology Corporation RT8271 Datasheet HTML 8Page - Richtek Technology Corporation RT8271 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8271
3
DS8271-02 March 2011
www.richtek.com
Functional Pin Description
Pin No.
PMSOP-10
SOP-8
Pin Name
Pin Function
1, 3
--
NC
No Internal Connection.
2
1
BOOT
High Side Gate Drive Boost Input. BOOT supplies the drive for the
high side N-MOSFET switch. Connect a 10nF or greater capacitor
from SW to BOOT to power the high side switch.
4
2
VIN
Power Input. VIN supplies the power to the IC, as well as the
step-down converter switches. Bypass VIN to GND with a suitable
large capacitor to eliminate noise on the input to the IC.
5
3
SW
Power Switching Output. SW is the switching node that supplies
power to the output. Connect the output LC filter from SW to the
output load. Note that a capacitor is required from SW to BOOT to
power the high side switch.
6,
11 (Exposed Pad)
4
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
7
5
FB
Feedback Input. FB senses the output voltage to regulate said
voltage. The feedback reference voltage is 0.92V typically.
8
6
COMP
Compensation Node. COMP is used to compensate the regulation
control loop. Connect a series RC network from COMP to GND to
compensate the regulation control loop. In some cases, an additional
capacitor from COMP to GND is required.
9
7
EN
Enable Input. EN is a digital input that turns the regulator on or off.
Drive EN higher than 1.4V to turn on the regulator, lower than 0.4V to
turn it off. If the EN pin is open, it will be pulled to high by internal
circuit.
10
8
SS
Soft-Start Control Input. SS controls the soft start period. Connect a
capacitor from SS to GND to set the soft-start period. A 10nF
capacitor sets the soft-start period to 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com