Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX511 Datasheet(PDF) 7 Page - Sony Corporation

Part # ILX511
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX511 Datasheet(HTML) 7 Page - Sony Corporation

Back Button ILX511 Datasheet HTML 3Page - Sony Corporation ILX511 Datasheet HTML 4Page - Sony Corporation ILX511 Datasheet HTML 5Page - Sony Corporation ILX511 Datasheet HTML 6Page - Sony Corporation ILX511 Datasheet HTML 7Page - Sony Corporation ILX511 Datasheet HTML 8Page - Sony Corporation ILX511 Datasheet HTML 9Page - Sony Corporation ILX511 Datasheet HTML 10Page - Sony Corporation ILX511 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
—7—
ILX511
φ CLK, VOUT Timing (Note 1)
Note 1)
fck = 1MHz,
φ CLK pulse duty = 50 %, φ CLK pulse rise/fall time = 10 ns
Note 2)
Output waveform when internal S/H is in use.
Note 3)
• indicates the correspondence of clock pulse and data period.
t10
t11
Vout
Vout
(Note 2)
t12
∗
φCLK
(Note 3)
Item
φ CLK-VOUT 1
φ CLK-VOUT 2
φ CLK-VOUT∗ (with S/H)
Symbol
Min.
Typ.
Max.
Unit
t10
40
115
280
t11
55
120
205
ns
t12
10
165
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com