Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX511 Datasheet(PDF) 8 Page - Sony Corporation

Part # ILX511
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX511 Datasheet(HTML) 8 Page - Sony Corporation

Back Button ILX511 Datasheet HTML 4Page - Sony Corporation ILX511 Datasheet HTML 5Page - Sony Corporation ILX511 Datasheet HTML 6Page - Sony Corporation ILX511 Datasheet HTML 7Page - Sony Corporation ILX511 Datasheet HTML 8Page - Sony Corporation ILX511 Datasheet HTML 9Page - Sony Corporation ILX511 Datasheet HTML 10Page - Sony Corporation ILX511 Datasheet HTML 11Page - Sony Corporation ILX511 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
—8—
ILX511
Wavelength (nm)
0
0.2
0.4
0.6
0.8
1.0
400
500
600
700
800
900
1000
Spectral sensitivity (Typ.) (Ta = 25°C)
Normalized spatial frequency
τ=560nm
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Spatial frequency (cycles/mm)
0
7.1
14.3
21.4
28.6
35.7
MTF of main scanning direction (Typ.)
Ta–Ambient temperature (°C)
0.10
1.00
10.0
0
1020
30
4050
60
Dark voltage rate vs. Ambient temperature (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com