Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX012BL Datasheet(PDF) 21 Page - Sony Corporation

Part # LCX012BL
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX012BL Datasheet(HTML) 21 Page - Sony Corporation

Back Button LCX012BL Datasheet HTML 13Page - Sony Corporation LCX012BL Datasheet HTML 14Page - Sony Corporation LCX012BL Datasheet HTML 15Page - Sony Corporation LCX012BL Datasheet HTML 16Page - Sony Corporation LCX012BL Datasheet HTML 17Page - Sony Corporation LCX012BL Datasheet HTML 18Page - Sony Corporation LCX012BL Datasheet HTML 19Page - Sony Corporation LCX012BL Datasheet HTML 20Page - Sony Corporation LCX012BL Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
– 21 –
LCX012BL
Package Outline
Unit: mm
Active Area
electrode (enlarged)
P 1.0
× 23 = 23.0 ± 0.1
0.6 ± 0.05
1.0 ± 0.15
PIN24
PIN1
38.0 ± 0.15
(26.65)
φ2.1 ± 0.05
25.0 ± 0.15
3.7 ± 0.1
Thickness of the connector 0.3 ± 0.05
1.8 ± 0.1
Polarizing
Axis
19.0 ± 0.25
4.0 ± 0.1
30.0 ± 0.1
3-
φ2.3 ± 0.05
C0.8
The rotation angle of the active area relative to H and V is ± 1°.
Incident
light
Description
Molding material
Outside frame
Reinforcing board
Reinforcing material
Polarizing film
F P C
No
1
2
3
4
5
6
Cover
7
weight 7.5g
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com