Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX012BL Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX012BL
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX012BL Datasheet(HTML) 5 Page - Sony Corporation

  LCX012BL Datasheet HTML 1Page - Sony Corporation LCX012BL Datasheet HTML 2Page - Sony Corporation LCX012BL Datasheet HTML 3Page - Sony Corporation LCX012BL Datasheet HTML 4Page - Sony Corporation LCX012BL Datasheet HTML 5Page - Sony Corporation LCX012BL Datasheet HTML 6Page - Sony Corporation LCX012BL Datasheet HTML 7Page - Sony Corporation LCX012BL Datasheet HTML 8Page - Sony Corporation LCX012BL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
LCX012BL
Input Signals
1. Input signal voltage conditions
(VSS = 0V)
Item
H driver input voltage
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
Vpsig
–0.5
4.5
–0.5
4.5
6.8
VVC – 4.5
VVC – 0.5
VVC ± 3.3
0.0
5.0
0.0
5.0
7.0
7.0
VVC – 0.4
VVC ± 3.5
0.4
5.5
0.4
5.5
7.2
VVC + 4.5
VVC – 0.3
VVC ± 3.7
V
V
V
V
V
V
V
V
V driver input voltage
Video signal center voltage
Video signal input range∗1 (SIG1 to 6)
Common voltage of panel∗2
Uniformity improvement signal
input voltage (PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit
∗1 input signal shall be symmetrical to VVC.
∗2 The typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value. When the
typical value is lowered, the maximum and minimum values may lower.
∗3 Input a uniformity improvement signal PSIG in the same polarity with video signals SIG1 to 6 and which is
symmetrical to VVC. Also, the rising and falling of PSIG are synchronized with the rising of PCG pulse, and
the rise time trPSIG and fall time tfPSIG are suppressed within 800ns (as shown in a diagram below).
Input waveform of uniformity improvement signal PSIG
Level Conversion Circuit
The LCX012BL has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIG
PCG
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com