Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX019AM Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 5 Page - Sony Corporation

  LCX019AM Datasheet HTML 1Page - Sony Corporation LCX019AM Datasheet HTML 2Page - Sony Corporation LCX019AM Datasheet HTML 3Page - Sony Corporation LCX019AM Datasheet HTML 4Page - Sony Corporation LCX019AM Datasheet HTML 5Page - Sony Corporation LCX019AM Datasheet HTML 6Page - Sony Corporation LCX019AM Datasheet HTML 7Page - Sony Corporation LCX019AM Datasheet HTML 8Page - Sony Corporation LCX019AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
LCX019AM
Input Signals
1. Input signal voltage conditions
(Vss = 0V)
Item
H driver input voltage
RGT, HST, HCK1, HCK2
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
Vpsig
–0.5
4.5
–0.5
4.5
6.8
VVC – 4.5
VVC – 0.3
VVC ± 3.4
0.0
5.0
0.0
5.0
7.0
VVC – 0.2
VVC ± 3.5
0.3
5.5
0.3
5.5
7.2
VVC + 4.5
VVC – 0.1
VVC ± 3.6
V
V
V
V
V
V
V
V
V driver input voltage
ENB, VCK, PCG, VST, DWN
Video signal center voltage
Video signal input range∗1 (SIG1 to 6)
Common voltage of panel∗2
Uniformity improvement signal input
(PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit
1 Video input signal shall be symmetrical to VVC.
2 Common voltage of the panel shall be adjusted to VVC – 0.2 V.
3 The uniformity improvement signal PSIG shall be input with the same polarity as video signals SIG1 to 6
and symmetrically with respect to VVC. Also, the PSIG rise and fall shall be synchronized with the PCG
pulse rise and the time between the rise trPSIG and fall tfPSIG shall be kept to 800ns or less. (See the
figure below.)
Uniformity Improvement Signal PSIG Input Waveform
Level Conversion Circuit
The LCX019AM has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIG
PCG
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com