Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX019AM Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX019AM Datasheet HTML 5Page - Sony Corporation LCX019AM Datasheet HTML 6Page - Sony Corporation LCX019AM Datasheet HTML 7Page - Sony Corporation LCX019AM Datasheet HTML 8Page - Sony Corporation LCX019AM Datasheet HTML 9Page - Sony Corporation LCX019AM Datasheet HTML 10Page - Sony Corporation LCX019AM Datasheet HTML 11Page - Sony Corporation LCX019AM Datasheet HTML 12Page - Sony Corporation LCX019AM Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
– 9 –
LCX019AM
Electrical Characteristics (Ta = 25°C, HVDD = 13.5V, VVDD = 13.5V, AVDD =15.5V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
HCKn: HCK1, HCK2 (3.82MHz)
—
—
–500
–1000
–500
–150
—
—
12
12
–100
–350
–150
–30
250
3.5
17
17
—
—
—
—
—
7
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Conditions
2. Vertical drivers
Input pin capacitance
VCK
VST
Input pin current
VCK
PCG, VST, ENB, DWN
Current consumption
CVck
CVst
IV
—
—
–500
–150
—
12
12
–150
–30
1.1
17
17
—
—
4
pF
pF
µA
µA
mA
4. Total power consumption of the panel
Item
Total power consumption
of the panel (NTSC)
PWR
—
80
160
mW
Symbol
Min.
Typ.
Max.
Unit
5. Pin input resistance
Item
Pin – VSS input resistance
Rpin
0.4
1
—
M
Ω
Symbol
Min.
Typ.
Max.
Unit
VCK = GND
PCG, VST, EN, DWN = GND
VCK: (15.7kHz)
3. Analog block
Current consumption
IA
—
1.4
4
mA
HCKn, HCK1, HCK2 (3.82MHz)
VCK (15.7kHz)
6. Uniformity improvement signal input capacitance
Item
Uniformity improvement
signal
CPSIGon
13
—
16
nF
Symbol
Min.
Typ.
Max.
Unit
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com