Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX032 Datasheet(PDF) 3 Page - Sony Corporation

Part # LCX032
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032 Datasheet(HTML) 3 Page - Sony Corporation

  LCX032 Datasheet HTML 1Page - Sony Corporation LCX032 Datasheet HTML 2Page - Sony Corporation LCX032 Datasheet HTML 3Page - Sony Corporation LCX032 Datasheet HTML 4Page - Sony Corporation LCX032 Datasheet HTML 5Page - Sony Corporation LCX032 Datasheet HTML 6Page - Sony Corporation LCX032 Datasheet HTML 7Page - Sony Corporation LCX032 Datasheet HTML 8Page - Sony Corporation LCX032 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
– 3 –
LCX032AKB
Absolute Maximum Ratings (VSS = 0V)
• H and V driver supply voltages
VDD
–1.0 to +17
V
• Common pad voltage
COM
–1.0 to +17
V
• H driver input pin voltage
HST, HCK1, HCK2
–1.0 to +17
V
RGT
• V driver input pin voltage
VST, VCK, DWN,
–1.0 to +17
V
EN, BLK
• Power save mode input pin voltage
STB
–1.0 to +17
V
• Video signal input pin voltage
GREEN, RED, BLUE
–1.0 to +15
V
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–30 to +85
°C
Operating Conditions (VSS = 0V)
Supply voltage
VDD
11.4 to 14.0
V
Input pulse voltage (Vp-p of all input pins except video signal input pins)
Vin
2.6V (more than)
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
COM
GREEN
RED
BLUE
BLK
HCK1
HCK2
HST
Common voltage of panel
Video signal (G) to panel
Video signal (R) to panel
Video signal (B) to panel
Top/bottom block display pulse
Clock pulse for H shift register
drive
Clock pulse for H shift register
drive
Start pulse for H shift register
drive
9
10
11
12
13
14
15
16
RGT
DWN
EN
STB
VCK
VST
Vss
VDD
Drive direction pulse for H shift
register (H: normal, L: reverse)
Drive direction pulse for V shift
register (H: normal, L: reverse)
Enable pulse for gate selection
For power save mode control
(L-power save mode)
Clock pulse for V shift register
drive
Start pulse for V shift register
drive
GND (H, V drivers)
Power supply for H and V drivers
Symbol
Description
Pin
No.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com