Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX034ALT Datasheet(PDF) 7 Page - Sony Corporation

Part # LCX034ALT
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX034ALT Datasheet(HTML) 7 Page - Sony Corporation

Back Button LCX034ALT Datasheet HTML 3Page - Sony Corporation LCX034ALT Datasheet HTML 4Page - Sony Corporation LCX034ALT Datasheet HTML 5Page - Sony Corporation LCX034ALT Datasheet HTML 6Page - Sony Corporation LCX034ALT Datasheet HTML 7Page - Sony Corporation LCX034ALT Datasheet HTML 8Page - Sony Corporation LCX034ALT Datasheet HTML 9Page - Sony Corporation LCX034ALT Datasheet HTML 10Page - Sony Corporation LCX034ALT Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
– 7 –
LCX034ALT
2. Clock timing conditions (Ta = 25°C)
(SVGA mode: fHCKn = 4.0MHz, fVCK = 24.0kHz)
∗5 Hckn means Hck1 and Hck2.
∗6 Blk is set to positive polarity pulse for other than SVGA mode ; Low level for SVGA mode.
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn rise time∗5
Hckn fall time∗5
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Vck rise/fall to Enb rise time
Horizontal video period completed to Enb fall time
Enb fall to Pcg rise time
Pcg rise time
Pcg fall time
Pcg rise to Prg rise time
Pcg rise to Prg rise time
Prg rise to Pcg fall time
Pcg fall to horizontal video period start time
Pcg pulse width
Prg rise to Vck rise/fall time
Blk rise time
Blk fall time
Blk fall to Vst rise time
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEnb
tfEnb
toEnb
tdEnb
toPcg
trPcg
tfPcg
toPrgr
toPrgf
toPcg
toVideo
twPcg
toVck
trBlk
tfBlk
toVst
—
—
50
50
—
—
–15
–15
—
—
5
5
—
—
—
—
300
900
630
—
—
300
200
1050
300
1350
0
—
—
32
—
—
60
60
—
—
0
0
—
—
10
10
—
—
—
—
500
1000
700
—
—
500
250
1100
350
1600
1000
—
—
—
30
30
70
70
30
30
15
15
100
100
15
15
100
100
100
100
—
—
—
30
30
—
—
—
—
—
—
100
100
—
ns
µs
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
VST
VCK
ENB
PCG
PRG
BLK∗6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com