Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX034ALT Datasheet(PDF) 10 Page - Sony Corporation

Part # LCX034ALT
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX034ALT Datasheet(HTML) 10 Page - Sony Corporation

Back Button LCX034ALT Datasheet HTML 6Page - Sony Corporation LCX034ALT Datasheet HTML 7Page - Sony Corporation LCX034ALT Datasheet HTML 8Page - Sony Corporation LCX034ALT Datasheet HTML 9Page - Sony Corporation LCX034ALT Datasheet HTML 10Page - Sony Corporation LCX034ALT Datasheet HTML 11Page - Sony Corporation LCX034ALT Datasheet HTML 12Page - Sony Corporation LCX034ALT Datasheet HTML 13Page - Sony Corporation LCX034ALT Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
– 10 –
LCX034ALT
tfBlk
toVst
BLK
Blk rise time
Blk fall time
Blk fall to Vst rise time
trBlk
Blk
50%
50%
toVst
Vst
∗7
50%
∗8 Input the pulse obtained by taking the OR of the above pulse (PCG) and BLK to the PCG input pin.
Item
Symbol
Waveform
Conditions
Pcg rise time
PCG∗8
PRG
trPcg
Pcg fall time
tfPcg
Pcg rise to Prg rise time
toPrgr
Pcg fall to Prg fall time
toPrgf
Prg rise to Pcg fall time
toPcg
Pcg fall to horizontal
video period start time
toVideo
Pcg pulse width
twPcg
Prg rise to
Vck rise/fall time
toVck
90%
10%
10%
90%
Pcg
tfEnb
trEnb
50%
H. video period start
H. blanking period
toPcg
toVideo
50%
Pcg
50%
toPrgr
toPrgf
50%
Prg
twPcg
∗7
50%
50%
toVck
Prg
Vck
∗7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com