Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8577 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation RT8577 Datasheet HTML 10Page - Richtek Technology Corporation RT8577 Datasheet HTML 11Page - Richtek Technology Corporation RT8577 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DS8577-00 November 2011
www.richtek.com
RT8577
Application information
The RT8577 is an 4-CH driver controller that delivers well
matched LED current to each channel of LED strings. The
external N-MOSFET current source will accommodate the
power dissipation difference among channels resulting from
the forward voltage difference between the LED strings.
With high speed current source N-MOSFET drivers, the
RT8577 features highly accurate current matching, while
also providing very fast turn-on and turn-off times. This
allows a very narrow minimum on or off pulse. The RT8577
integrates adjustable switching frequency and soft-start
and provides circuitry for over temperature, over voltage,
under voltage and current limit protection.
Soft-Start
The RT8577 employs a soft-start feature to limit the inrush
current. The soft-start circuit prevents excessive inrush
current and input voltage droop. The soft-start time is
determined by a capacitor, CSS, connected between SS
andGNDand charged with a 6
μAconstant current as shown
in the following equation.
tSS (max) = CSS x 4.8 x 105 (s)
The value of capacitor CSS is user-defined to satisfy the
designer' requirement.
Compensation
The regulator loop can be compensated by adjusting the
external components connected to the VC pin. The VC
pin is the output of the internal error amplifier. The
compensation capacitor will adjust the integrator zero to
maintain stability and the resistor value will adjust the
frequency integrator gain for fast transient response.
Typical values of the compensation components are RC =
560
Ω, CC = 0.22μF.
LED Connection
The RT8577 equips 4-CH LED drivers and each channel
supports up to 15 LEDs. The LED strings are connected
from the output of the boost converter to pin LEDx (x = 1
to 4) respectively. If one of the LED channel is not in use,
the LED pin should be opened directly.
Setting and Regulation of LED current
The LED current can be calculated by the following
equation :
≅
LED
ISET
1092
I
R
where RISET is the resistor between the RISET pin and
GND. This setting is the reference for the LED current at
pin LEDx and represents the sensed LED current for each
string. The DC/DC converter regulates the LED current
according to the setting.
Over Voltage and Under Voltage Protection
The RT8577 integrates Over Voltage Protection (OVP) and
Under Voltage Protection (UVP). When the voltage at the
OVP/UVP pin rises above the threshold voltage of
approximately 1.2V or falls below the threshold voltage of
approximately 0.6V, the internal switch will be turned off
and STATUS pin will be pulled high. The internal switch
will be turned on again once the voltage at the OVP/UVP
pin returns to normal range. The output voltage can be
clamped at a certain voltage level and can be calculated
by the following equations :
where ROVP1 and ROVP2 are the resistors in the resistive
voltage divider connected to the OVP/UVP pin. If at least
one string is in normal operation, the controller will
automatically ignore the open strings and continue to
regulate the current for the strings in normal operation.
Suggested value for ROVP2 is up to 3M
Ω to prevent loading
effect.
LED Short Circuit Protection
The RT8577 integrates LED Short Circuit Protection (SCP).
If one of the LED1 to LED4 pin voltages exceeds a
threshold of approximately 4.3V during normal operation,
the STATUS pin will be pulled high for a fault signal.
STATUS
After the IC is enable. STATUS will output logic high if
LED Short/OVP/UVP/OTP conditions exist. STATUS will
be reset after VIN or EN is re-applied.
⎛⎞
×⎜⎟
⎝⎠
OVP2
OUT(OVP)
OVP
OVP1
R
V
= V
1 +
R
⎛⎞
×⎜⎟
⎝⎠
OVP2
OUT(UVP)
UVP
OVP1
R
V
= V
1 +
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com