Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8577 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8577 Datasheet HTML 1Page - Richtek Technology Corporation RT8577 Datasheet HTML 2Page - Richtek Technology Corporation RT8577 Datasheet HTML 3Page - Richtek Technology Corporation RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DS8577-00 November 2011
www.richtek.com
RT8577
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
LED2
Channel 2 LED Current Sink, Leave this pin unconnected if it is not used.
2
LED1
Channel 1 LED Current Sink, Leave this pin unconnected if it is not used.
3, 17, 18,
21 (Exposed pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
4
OVP/UVP
Over Voltage and Under Voltage Protection. PWM boost converter turns off
when VOVP or VUVP goes higher than 1.2V or lower than 0.6V, respectively.
5
RISET
LED Current Set Pin. A resistor or a current from DAC on this pin programs the
full LED current.
6
PWM
Dimming Control Input.
7
STATUS
Boost Converter Operation Status Output.
8
RT
Switching Frequency Set. Connect a resistor between RT and GND to set the
boost converter switching frequency.
9
VC
PWM Boost Converter Loop Compensation Node.
10
SS
Soft-Start Pin. Place a capacitor of at least 10nF from this pin to GND to set the
soft-start time period.
11
EN
Chip Enable. When EN is pulled low, the chip will be shut down.
12
SEN
Current Sense Input. During normal operation, this pin senses the voltage
across the external inductor current sensing resistor for peak current mode
control and also to limit the inductor current during every switching cycle.
13
PGND
Boost Converter Power Ground.
14
DRV
Boost Converter Power Switch Gate Output. This pin drives the external power
N-MOSFET device.
15
CREG
1
μF capacitor should be placed on this pin to stabilize the 5V output of the
internal regulator. This regulator is for chip internal use only.
16
VCC
Power Supply of the Chip. For good bypass, a low ESR capacitor close to the
pin is required.
19, 20
LED4, LED3 Channel 4 and 3 LED Current Sinks. Leave the pins unconnected if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com