Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9953 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9953
Description  41 CH Power Management IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9953 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9953 Datasheet HTML 1Page - Richtek Technology Corporation RT9953 Datasheet HTML 2Page - Richtek Technology Corporation RT9953 Datasheet HTML 3Page - Richtek Technology Corporation RT9953 Datasheet HTML 4Page - Richtek Technology Corporation RT9953 Datasheet HTML 5Page - Richtek Technology Corporation RT9953 Datasheet HTML 6Page - Richtek Technology Corporation RT9953 Datasheet HTML 7Page - Richtek Technology Corporation RT9953 Datasheet HTML 8Page - Richtek Technology Corporation RT9953 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RT9953
1
DS9953-02 April 2011
www.richtek.com
4+1 CH Power Management IC
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
One Synchronous Step-Up/Step-Down Selectable
Converter
Support 2AA or Li-ion Battery Applications
Internal Soft-Start Control
4 CHs with Internal Compensation
Power Switches Integrated
Up to 95% Efficiency
100% (max) Duty Cycle for Step-Down Converter
Adjustable Output Voltage
Fixed 1MHz Switching Frequency
LDO Works with Low-ESR Ceramic Capacitors
Fast Line/Load Transient Response
High PSRR Linear Regulator
RoHS Compliant and Halogen Free
General Description
The RT9953 is a complete power supply solution for digital
still cameras and other handheld devices. The RT9953 is
a multi-CH power management IC including one
synchronous step-up DC/DC converter, one selectable
synchronous step-up/step-down DC/DC converter, two
synchronous step-down DC/DC converters, and one low
dropout linear regulator.
The RT9953 is designed to fulfill the applications for DSC
as follows :
CH1 is a synchronous step-up output for motor or DSC
system I/O power
CH2 is a selectable synchronous step-up/step-down
output for motor or DSC system I/O power
CH3 and CH4 are synchronous step-down outputs for DSP
core and memory power supply
CH5 is a 500mA, low dropout, low noise linear regulator
with soft-start function.
The RT9953 is designed to support Li+ and 2AA battery
applications. The selectable step-up/step-down converter
can be set by SEL pin. For the synchronous step-up and
step down converters, the efficiency can be up to 95%.
The RT9953 provides over current protection, thermal
shutdown protection, over voltage and under voltage
protection to achieve complete protection. The RT9953 is
available in the WQFN-24L 4x4 package.
Applications
CMOS Digital Still Camera
CMOS DV
Portable Devices
Pin Configurations
(TOP VIEW)
WQFN-24L 4x4
LX1
PVDD1
EN3
FB4
SS
PVDD4
LX2
PVDD2
FB3
EN2
PVDD3
VDDM
1
2
3
4
5
6
7
21
20
19
18
17
16
15
89
10
12
14
13
24
22
23
11
GND
25
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
RT9953
Package Type
QW : WQFN-24L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9953

ManufacturerPart #DatasheetDescription
logo
Rohm
RT9953GQW ROHM-RT9953GQW Datasheet
89Kb / 4P
Power Transistor (80V, 1A)
RT9953GQW ROHM-RT9953GQW Datasheet
96Kb / 5P
Power Transistor (80V, 1A)
RT9953GQW ROHM-RT9953GQW Datasheet
177Kb / 4P
Power Transistor (80V, 1A)
RT9953GQW ROHM-RT9953GQW Datasheet
120Kb / 4P
Power Transistor (80V, 1A)
RT9953GQW ROHM-RT9953GQW Datasheet
163Kb / 4P
Power Transistor
More results

Similar Description - RT9953

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
logo
Sanyo Semicon Device
STK404-140 SANYO-STK404-140 Datasheet
466Kb / 6P
1 CH AB AUDIO POWER IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Richtek Technology Corp...
RT9971 RICHTEK-RT9971 Datasheet
459Kb / 22P
7 CH Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com