Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9953 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9953
Description  41 CH Power Management IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9953 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9953 Datasheet HTML 1Page - Richtek Technology Corporation RT9953 Datasheet HTML 2Page - Richtek Technology Corporation RT9953 Datasheet HTML 3Page - Richtek Technology Corporation RT9953 Datasheet HTML 4Page - Richtek Technology Corporation RT9953 Datasheet HTML 5Page - Richtek Technology Corporation RT9953 Datasheet HTML 6Page - Richtek Technology Corporation RT9953 Datasheet HTML 7Page - Richtek Technology Corporation RT9953 Datasheet HTML 8Page - Richtek Technology Corporation RT9953 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RT9953
2
DS9953-02 April 2011
www.richtek.com
For 2AA
Typical Application Circuit
RT9953
PVDD5
3.6V
11
1
µF
C13
C15
R9
R10
47k
22.1k
10pF
C14
1
µF
VOUT5
9
FB5
10
LX1
VBAT
VOUT_CH1
3.6V
1
C3
R1
R2
L1
2.2
µH
10
µF
470k
133k
4.7pF
C1
C2
10
µF x 2
PVDD1 2
FB1
22
LX2
VBAT
VOUT_CH2
5V
18
R3
R4
L2
2.2
µH
10
µF
470k
88.7k
C4
C5
10
µF x 2
PVDD2
17
FB2
21
PVDD3
3.6V
13
10
µF
C7
VOUT_CH3
2.5V
C9
R5
R6
768k
360k
22pF
C8
10
µF
LX3 12
FB3
15
L3
4.7
µH
PVDD4
3.6V
6
10
µF
C10
VOUT_CH4
1.8V
C12
R7
R8
470k
374k
33pF
C11
10
µF
LX4
7
FB4
4
L4
4.7
µH
SEL
19
VBAT
EN1
24
EN2
14
EN3
3
EN4
20
EN5
8
Chip Enable
VDDM
16
3.6V
C16
1
µF
SS 5
C17
0.47nF
GND
23, 25 (Exposed Pad)
VOUT_CH5
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com