Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT6030BN Datasheet(PDF) 1 Page - Comset Semiconductor

Part # APT6030BN
Description  N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

APT6030BN Datasheet(HTML) 1 Page - Comset Semiconductor

  APT6030BN Datasheet HTML 1Page - Comset Semiconductor APT6030BN Datasheet HTML 2Page - Comset Semiconductor APT6030BN Datasheet HTML 3Page - Comset Semiconductor APT6030BN Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APT6030BN
22/10/2012
COMSET SEMICONDUCTORS
1/4
SEMICONDUCTORS
N CHANNEL ENHANCEMENT MODE HIGH VOLTAGE
POWER MOSFETS TRANSISTORS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VDS
Drain-Source Voltage
600
V
IDS
Continuous Drain Current TC= 37°C
23
A
IDM
Pulsed Drain Current TC= 25°C
92
VGS
Gate-Source Voltage
30
V
RDS(on)
Drain-Source on Resistance
0.30
Ω
PT
Total Power Dissipation @ TC= 25°C
360
W
Linear Derating Factor
2.9
W/°C
tJ
Operating Temperature
-55 to +150
°C
tstg
Storage Temperature range
-55 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, junction-case
0.34
°C/W
RthJA
Thermal Resistance, junction-ambient
40
FEATURE
N channel in a plastic TO-3PML package.
Compliance to RoHS.


Similar Part No. - APT6030BN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT6030BN ADPOW-APT6030BN Datasheet
51Kb / 4P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Inchange Semiconductor ...
APT6030BNR ISC-APT6030BNR Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - APT6030BN

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10B75XX SEME-LAB-SML10B75XX Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J144 SEME-LAB-SML10J144 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10J225 SEME-LAB-SML10J225 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120J25 SEME-LAB-SML120J25 Datasheet
23Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com