Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG528ATCHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # ADG528ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528ATCHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG528ATCHIPS Datasheet HTML 2Page - Analog Devices ADG528ATCHIPS Datasheet HTML 3Page - Analog Devices ADG528ATCHIPS Datasheet HTML 4Page - Analog Devices ADG528ATCHIPS Datasheet HTML 5Page - Analog Devices ADG528ATCHIPS Datasheet HTML 6Page - Analog Devices ADG528ATCHIPS Datasheet HTML 7Page - Analog Devices ADG528ATCHIPS Datasheet HTML 8Page - Analog Devices ADG528ATCHIPS Datasheet HTML 9Page - Analog Devices ADG528ATCHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
ADG528A/ADG529A
TRUTH TABLES
A2 A1 A0 EN
WR RS ON SWITCH PAIR
XXXX
1Retains Previous Switch Condition
XXXX
X
0
NONE (Address and Enable
Latches Cleared)
XXX0
0
1
NONE
0001
0
1
1
0011
0
1
2
0101
0
1
3
0111
0
1
4
1001
0
1
5
1011
0
1
6
1101
0
1
7
1111
0
1
8
X = Don’t Care
ADG528A
A1 A0 EN
WR RS ON SWITCH PAIR
XXX
1Retains Previous Switch Condition
XXX
X0
NONE (Address and Enable Latches
Cleared)
XX0
01
NONE
001
0
1
1
011
0
1
2
101
0
1
3
111
0
1
4
X = Don’t Care
ADG529A
TIMING DIAGRAMS
Figure 1.
Figure 2.
Figure 1 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive; there-
fore, while
WR is held low, the latches are transparent and the
switches respond to the address and enable inputs. This input
data is latched on the rising edge of
WR.
Figure 2 shows the Reset Pulse Width, tRS, and Reset Turn-off
Time, tOFF (RS).
Note: All digital input signals rise and fall times measured from
10% to 90% of 3 V. tR = tF = 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com