Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM4S8C Datasheet(PDF) 23 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button SAM4S8C Datasheet HTML 19Page - ATMEL Corporation SAM4S8C Datasheet HTML 20Page - ATMEL Corporation SAM4S8C Datasheet HTML 21Page - ATMEL Corporation SAM4S8C Datasheet HTML 22Page - ATMEL Corporation SAM4S8C Datasheet HTML 23Page - ATMEL Corporation SAM4S8C Datasheet HTML 24Page - ATMEL Corporation SAM4S8C Datasheet HTML 25Page - ATMEL Corporation SAM4S8C Datasheet HTML 26Page - ATMEL Corporation SAM4S8C Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
23
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
5.5.3
Sleep Mode
The purpose of sleep mode is to optimize power consumption of the device versus response
time. In this mode, only the core clock is stopped. The peripheral clocks can be enabled. The
current consumption in this mode is application dependent.
This mode is entered via Wait for Interrupt (WFI) instructions with LPM = 0 in PMC_FSMR.
The processor can be awakened from an interrupt if WFI instruction of the Cortex-M4 is used.
5.5.4
Low Power Mode Summary Table
The modes detailed above are the main low-power modes. Each part can be set to on or off sep-
arately and wake up sources can be individually configured. Table 5-1 below shows a summary
of the configurations of the low-power modes.
Notes:
1. The external loads on PIOs are not taken into account in the calculation.
2. Supply Monitor current consumption is not included.
Table 5-1.
Low-power Mode Configuration Summary
Mode
SUPC,
32 kHz Osc,
RTC, RTT
Backup
Registers,
POR
(Backup
Region)
Regulator
Core
Memory
Peripherals
Mode Entry
Potential Wake Up
Sources
Core at
Wake Up
PIO State
while in Low
Power Mode
PIO State
at Wake Up
Consumption
(1) (2)
Wake-up
Time(3)
Backup
Mode
ON
OFF
OFF
(Not powered)
VROFF bit = 1
+SLEEPDEEP
bit = 1
WUP0-15 pins
SM alarm
RTC alarm
RTT alarm
Reset
Previous
state saved
PIOA &
PIOB &
PIOC
Inputs with
pull ups
1 µA typ
(4)
300 ms
Wait
Mode
w/Flash
in
Standby
mode
ON
ON
Powered
(Not clocked)
WAITMODE bit
=1
+SLEEPDEEP
bit = 0
+LPM bit = 1
FLPM0 bit = 0
FLPM1 bit = 0
Any Event from:
Fast startup through
WUP0-15 pins
RTC alarm
RTT alarm
USB wake-up
Clocked
back
Previous
state saved
Unchanged 32.2 µA
(5)
< 10 µs
Wait
Mode
w/Flash
in Deep
Power
Down
mode
ON
ON
Powered
(Not clocked)
WAITMODE bit
=1
+SLEEPDEEP
bit = 0
+LPM bit = 1
FLPM0 bit = 0
FLPM1 bit = 1
Any Event from:
Fast startup through
WUP0-15 pins
RTC alarm
RTT alarm
USB wake-up
Clocked
back
Previous
state saved
Unchanged 27.6 µA
< 10µs
Sleep
Mode
ON
ON
Powered
(6)
(Not clocked)
WFI
+SLEEPDEEP
bit = 0
+LPM bit = 0
Entry mode =WFI
Interrupt Only;
Any Enabled
Interrupt and/or Any
Event from: Fast
start-up through
WUP0-15 pins
RTC alarm
RTT alarm
USB wake-up
Clocked
back
Previous
state saved
Unchanged
(7)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com