Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM4S8C Datasheet(PDF) 56 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button SAM4S8C Datasheet HTML 52Page - ATMEL Corporation SAM4S8C Datasheet HTML 53Page - ATMEL Corporation SAM4S8C Datasheet HTML 54Page - ATMEL Corporation SAM4S8C Datasheet HTML 55Page - ATMEL Corporation SAM4S8C Datasheet HTML 56Page - ATMEL Corporation SAM4S8C Datasheet HTML 57Page - ATMEL Corporation SAM4S8C Datasheet HTML 58Page - ATMEL Corporation SAM4S8C Datasheet HTML 59Page - ATMEL Corporation SAM4S8C Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
56
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
• Single ended/differential conversion
• Programmable gain: 1, 2, 4
11.11 Digital-to-Analog Converter (DAC)
• Up to 2 channel 12-bit DAC
• Up to 2 mega-samples conversion rate in single channel mode
• Flexible conversion range
• Multiple trigger sources for each channel
• 2 Sample/Hold (S/H) outputs
• Built-in offset and gain calibration
• Possible to drive output to ground
• Possible to use as input to analog comparator or ADC (as an internal wire and without S/H
stage)
• Two PDC channels
• Power reduction mode
11.12 Static Memory Controller
• 16-Mbyte Address Space per Chip Select
• 8- bit Data Bus
• Word, Halfword, Byte Transfers
• Byte Write or Byte Select Lines
• Programmable Setup, Pulse And Hold Time for Read Signals per Chip Select
• Programmable Setup, Pulse And Hold Time for Write Signals per Chip Select
• Programmable Data Float Time per Chip Select
• Compliant with LCD Module
• External Wait Request
• Automatic Switch to Slow Clock Mode
• Asynchronous Read in Page Mode Supported: Page Size Ranges from 4 to 32 Bytes
• NAND Flash additional logic supporting NAND Flash with Multiplexed Data/Address buses
• Hardware Configurable number of chip select from 1 to 4
• Programmable timing on a per chip select basis
11.13 Analog Comparator
• One analog comparator
• High speed option vs. low-power option
– 170 µA/xx ns active current consumption/propagation delay
– 20 µA/xx ns active current consumption/propagation delay
• Selectable input hysteresis
– 0, 15 mV, 30mV (Typ)
• Minus input selection:
– DAC outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com