| Electronic Components Datasheet Search |
|
ATSAM4SD32BA-MU Datasheet(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM4SD32BA-MU Datasheet(HTML) 11 Page - ATMEL Corporation |
|
11 / 67 page ![]() 11 11100BS–ATARM–31-Jul-12 SAM4S Series [Preliminary] Note: 1. Schmitt Triggers can be disabled through PIO registers. 2. Some PIO lines are shared with System I/Os. 3. Refer to USB Section of the product Electrical Characteristics for information on Pull-down value in USB Mode. 4. See “Typical Powering Schematics” Section for restrictions on voltage range of Analog Cells. 5. TDO pin is set in input mode when the Cortex-M4 Core is not in debug mode. Thus the internal pull-up corresponding to this PIO line must be enabled to avoid current consumption due to floating input. Two-Wire Interface- TWI TWDx TWIx Two-wire Serial Data I/O TWCKx TWIx Two-wire Serial Clock I/O Analog ADVREF ADC, DAC and Analog Comparator Reference Analog 12-bit Analog-to-Digital Converter - ADC AD0-AD14 Analog Inputs Analog, Digital ADTRG ADC Trigger Input VDDIO 12-bit Digital-to-Analog Converter - DAC DAC0 - DAC1 Analog output Analog, Digital DACTRG DAC Trigger Input VDDIO Fast Flash Programming Interface - FFPI PGMEN0- PGMEN2 Programming Enabling Input VDDIO PGMM0-PGMM3 Programming Mode Input VDDIO PGMD0-PGMD15 Programming Data I/O PGMRDY Programming Ready Output High PGMNVALID Data Direction Output Low PGMNOE Programming Read Input Low PGMCK Programming Clock Input PGMNCMD Programming Command Input Low USB Full Speed Device DDM USB Full Speed Data - Analog, Digital VDDIO Reset State: - USB Mode - Internal Pull-down (3) DDP USB Full Speed Data + Table 3-1. Signal Description List (Continued) Signal Name Function Type Active Level Voltage reference Comments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |