Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD32BA-MU Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATSAM4SD32BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD32BA-MU Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATSAM4SD32BA-MU Datasheet HTML 15Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 16Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 17Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 18Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 19Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 20Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 21Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 22Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
19
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
5.
Power Considerations
5.1
Power Supplies
The SAM4S has several types of power supply pins:
• VDDCORE pins: Power the core, the embedded memories and the peripherals. Voltage
ranges from 1.08V to 1.32V.
• VDDIO pins: Power the Peripherals I/O lines (Input/Output Buffers), USB transceiver, Backup
part, 32 kHz crystal oscillator and oscillator pads. Voltage ranges from 1.62V to 3.6V.
• VDDIN pin: Voltage Regulator Input, ADC, DAC and Analog Comparator Power Supply.
Voltage ranges from 1.62V to 3.6V.
• VDDPLL pin: Powers the PLLA, PLLB, the Fast RC and the 3 to 20 MHz oscillator. Voltage
ranges from 1.08V to 1.32V.
5.2
Voltage Regulator
The SAM4S embeds a voltage regulator that is managed by the Supply Controller.
This internal regulator is designed to supply the internal core of SAM4S. It features two operat-
ing modes:
• In Normal mode, the voltage regulator consumes less than 500 µA static current and draws
80 mA of output current. Internal adaptive biasing adjusts the regulator quiescent current
depending on the required load current. In Wait Mode quiescent current is only 5 µA.
• In Backup mode, the voltage regulator consumes less than 1 µA while its output (VDDOUT)
is driven internally to GND. The default output voltage is 1.20V and the start-up time to reach
Normal mode is less than 300 µs.
For adequate input and output power supply decoupling/bypassing, refer to the “Voltage Regula-
tor” section in the “Electrical Characteristics” section of the datasheet.
5.3
Typical Powering Schematics
The SAM4S supports a 1.62V-3.6V single supply mode. The internal regulator input is con-
nected to the source and its output feeds VDDCORE. Figure 5-1 below shows the power
schematics.
As VDDIN powers the voltage regulator, the ADC, DAC and the analog comparator, when the
user does not want to use the embedded voltage regulator, it can be disabled by software via
the SUPC (note that this is different from Backup mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com