Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E54 Datasheet(PDF) 12 Page - Winbond

Part # W78E54
Description  8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E54 Datasheet(HTML) 12 Page - Winbond

Back Button W78E54 Datasheet HTML 8Page - Winbond W78E54 Datasheet HTML 9Page - Winbond W78E54 Datasheet HTML 10Page - Winbond W78E54 Datasheet HTML 11Page - Winbond W78E54 Datasheet HTML 12Page - Winbond W78E54 Datasheet HTML 13Page - Winbond W78E54 Datasheet HTML 14Page - Winbond W78E54 Datasheet HTML 15Page - Winbond W78E54 Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
W78E54
- 12 -
Program Operation
This operation is used to program data to the flash EEPROM and the option bits. Programming is
initiated when VPP reaches VCP (12.5V) level, CE is set to low, and OE is set to high.
Program Verify Operation
All data must be checked after programming. This operation should be performed after each byte is
programmed, and it will ensure a substantial program margin.
OPERATION
P3.0
(A9
CTRL)
P3.1
(A13
CTRL)
P3.2
(A14
CTRL)
P3.3
(OE
CTRL)
P3.6
( CE )
P3.7
( OE )
EA
(VPP)
P2, P1
(A15 TO A0)
P0
(D7 TO D0)
NOTES
Read
VIL
VIL
VIL
VIL
VIL
VIL
VIH
Address
Data Out
1, 2
Program
VIL
VIL
VIL
VIL
VIL
VIH
VCP
Address
Data In
1, 2
Program Verify
VIL
VIL
VIL
VIL
VIH
VIL
VCP
Address
Data Out
3
Notes:
1. During all of these operations, RST = VIH, ALE = VIL, and PSEN = VIH.
2. VCP = 12V, VIH = VDD, VIL = Vss.
3. The program verify operation should follow the programming operaion.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
DC Power Supply
VDD
−VSS
-0.3
+7.0
V
Input Voltage
VIN
VSS -0.3
VDD +0.3
V
Operating Temperature
TA
0
70
°C
Storage Temperature
TST
-55
+150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of
the device.
P1
P3.0
P3.1
P3.2
P3.3
P3.6
P3.7
X'tal1
X'tal2
P0
EA/Vpp
ALE
RST
PSEN
P2
Vss
A0 to A7
V CP
V IL
V IH
V IL
V IL
V IL
V IL
VIL
A8 to A15
PGM DATA
V IH
V IH
+5V
Programming Configuration
Programming Verification
V DD
P1
P3.0
P3.1
P3.2
P3.3
P3.6
P3.7
X'tal1
X'tal2
P0
EA/Vpp
ALE
RST
PSEN
P2
Vss
A0 to A7
V CP
V IL
V IH
V IL
V IL
V IL
V IL
V IL
A8 to A15
PGM DATA
V IH
V IH
+5V
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com