Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E54 Datasheet(PDF) 13 Page - Winbond

Part # W78E54
Description  8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E54 Datasheet(HTML) 13 Page - Winbond

Back Button W78E54 Datasheet HTML 9Page - Winbond W78E54 Datasheet HTML 10Page - Winbond W78E54 Datasheet HTML 11Page - Winbond W78E54 Datasheet HTML 12Page - Winbond W78E54 Datasheet HTML 13Page - Winbond W78E54 Datasheet HTML 14Page - Winbond W78E54 Datasheet HTML 15Page - Winbond W78E54 Datasheet HTML 16Page - Winbond W78E54 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
W78E54
Publication Release Date: November 1997
- 13 -
Revision A2
DC CHARACTERISTICS
(VDD-VSS = 5V
±10%, TA = 25°C, Fosc = 20 MHz, unless otherwise specified.)
PARAMETER
SYM.
SPECIFICATION
UNIT
TEST CONDITIONS
MIN.
MAX.
Operating Voltage
VDD
4.5
5.5
V
Operating Current
IDD
-
20
mA
No load
VDD = 5.5V
Idle Current
IIDLE
-
6
mA
Idle mode
VDD = 5.5V
Power Down Current
IPWDN
-
50
µA
Power-down mode
VDD = 5.5V
Input Current
P1, P2, P3, P4
IIN1
-50
+10
µA
VDD = 5.5V
VIN = 0V or VDD
Input Current
RST
IIN2
-10
+300
µA
VDD = 5.5V
0 < VIN < VDD
Input Leakage Current
P0, /EA
ILK
-10
+10
µA
VDD = 5.5V
0V <VIN < VDD
Logic 1 to 0 Transition
Current
P1, P2, P3, P4
ITL [*4]
-500
-200
µA
VDD = 5.5V
VIN =2.0V
Input Low Voltage
P0, P1, P2, P3, P4, EA
VIL1
0
0.8
V
VDD = 4.5V
Input Low Voltage
RST
VIL2
0
0.8
V
VDD = 4.5V
Input Low Voltage
XTAL1[*4]
VIL3
0
0.8
V
VDD = 4.5V
Input High Voltage
P0, P1, P2, P3, P4, EA
VIH1
2.4
VDD +0.2
V
VDD = 5.5V
Input High Voltage
RST
VIH2
3.5
VDD +0.2
V
VDD = 5.5V
Input High Voltage
XTAL1 [*4]
VIH3
3.5
VDD +0.2
V
VDD = 5.5V
Output Low Voltage
P1, P2, P3, P4
VOL1
-
0.45
V
VDD = 4.5V
IOL = +2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com