Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE52 Datasheet(PDF) 8 Page - Winbond

Part # W78LE52
Description  8-BIT MTP MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE52 Datasheet(HTML) 8 Page - Winbond

Back Button W78LE52 Datasheet HTML 4Page - Winbond W78LE52 Datasheet HTML 5Page - Winbond W78LE52 Datasheet HTML 6Page - Winbond W78LE52 Datasheet HTML 7Page - Winbond W78LE52 Datasheet HTML 8Page - Winbond W78LE52 Datasheet HTML 9Page - Winbond W78LE52 Datasheet HTML 10Page - Winbond W78LE52 Datasheet HTML 11Page - Winbond W78LE52 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Preliminary W78LE52
- 8 -
OSC
1/12
PRESCALER
14-BIT TIMER
CLEAR
CLRW
EXTERNAL
RESET
INTERNAL
RESET
WIDL
IDLE
ENW
Watchdog Timer Block Diagram
Typical Watch-Dog time-out period when OSC = 20 MHz
PS2 PS1 PS0
WATCHDOG TIME-OUT PERIOD
0
0
0
19.66 mS
0
1
0
39.32 mS
0
0
1
78.64 mS
0
1
1
157.28 mS
1
0
0
314.57 mS
1
0
1
629.14 mS
1
1
0
1.25 S
1
1
1
2.50 S
Clock
The W78LE52 is designed to be used with either a crystal oscillator or an external clock. Internally,
the clock is divided by two before it is used. This makes the W78LE52 relatively insensitive to duty
cycle variations in the clock. The W78LE52 incorporates a built-in crystal oscillator. To make the
oscillator work, a crystal must be connected across pins XTAL1 and XTAL2. In addition, a load
capacitor must be connected from each pin to ground. An external clock source should be connected
to pin XTAL1. Pin XTAL2 should be left unconnected. The XTAL1 input is a CMOS-type input, as
required by the crystal oscillator.
Power Management
Idle Mode
The idle mode is entered by setting the IDL bit in the PCON register. In the idle mode, the internal
clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The
processor will exit idle mode when either an interrupt or a reset occurs.
Power-down Mode
When the PD bit of the PCON register is set, the processor enters the power-down mode. In this
mode all of the clocks are stopped, including the oscillator. The only way to exit power-down mode is
by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com