Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE52 Datasheet(PDF) 13 Page - Winbond

Part # W78LE52
Description  8-BIT MTP MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE52 Datasheet(HTML) 13 Page - Winbond

Back Button W78LE52 Datasheet HTML 9Page - Winbond W78LE52 Datasheet HTML 10Page - Winbond W78LE52 Datasheet HTML 11Page - Winbond W78LE52 Datasheet HTML 12Page - Winbond W78LE52 Datasheet HTML 13Page - Winbond W78LE52 Datasheet HTML 14Page - Winbond W78LE52 Datasheet HTML 15Page - Winbond W78LE52 Datasheet HTML 16Page - Winbond W78LE52 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Preliminary W78LE52
Publication Release Date: January 1999
- 13 -
Revision A1
DC Characteristics, continued
PARAMETER
SYM.
PECIFICATION
UNIT
TEST CONDITIONS
MIN.
MAX.
Input Leakage Current
P0, EA
ILK
-10
+10
µA
VDD = 5.5V
0V < VIN < VDD
Logic 1 to 0 Transition Current
P1, P2, P3, P4
ITL
[*4]
-500
-
µA
VDD = 5.5V
VIN = 2.0V
Input Low Voltage
VIL1
0
0.8
V
VDD = 4.5V
P0, P1, P2, P3, P4, EA
0
0.5
V
VDD = 2.4V
Input Low Voltage
VIL2
0
0.8
V
VDD = 4.5V
RST[*1]
0
0.3
V
VDD = 2.4V
Input Low Voltage
VIL3
0
0.8
V
VDD = 4.5V
XTAL1 [*3]
0
0.6
V
VDD = 2.4V
Input High Voltage
VIH1
2.4
VDD +0.2
V
VDD = 5.5V
P0, P1, P2, P3, P4, EA
1.4
VDD +0.2
V
VDD = 2.4V
Input High Voltage
VIH2
3.5
VDD +0.2
V
VDD = 5.5V
RST[*1]
1.7
VDD +0.2
V
VDD = 2.4V
Input High Voltage
VIH3
3.5
VDD +0.2
V
VDD = 5.5V
XTAL1 [*3]
1.6
VDD +0.2
V
VDD = 2.4V
Output Low Voltage
VOL1
-
0.45
V
VDD = 4.5V, IOL = +2 mA
P1, P2, P3, P4
-
0.25
V
VDD = 2.4V, IOL = +1 mA
Output Low Voltage
VOL2
-
0.45
V
VDD = 4.5V, IOL = +4 mA
P0, ALE, PSEN [*2]
-
0.25
V
VDD = 2.4V, IOL = +2 mA
Sink Current
ISK1
4
12
mA
VDD = 4.5V, Vin = 0.45V
P1, P2, P3, P4
1.8
5.4
mA
VDD = 2.4V, Vin = 0.45V
Sink Current
ISK2
8
16
mA
VDD = 4.5V, Vin = 0.45V
P0, ALE, PSEN
4.0
9
mA
VDD = 2.4V, Vin = 0.45V
Output High Voltage
VOH1
2.4
-
V
VDD = 4.5V, IOH = -100
µA
P1, P2, P3, P4
1.4
-
V
VDD = 2.4V, IOH = -8
µA
Output High Voltage
VOH2
2.4
-
V
VDD = 4.5V, IOH = -400
µA
P0, ALE, PSEN [*2]
1.4
-
V
VDD = 2.4V, IOH = -200
µA
Source Current
ISR1
-100
-250
µA
VDD = 4.5V, Vin = 2.4V
P1, P2, P3, P4
-10
-30
µA
VDD = 2.4V, Vin = 1.4V
Source Current
ISR2
-8
-14
mA
VDD = 4.5V, Vin = 2.4V
P0, ALE, PSEN
-1.0
-2.4
mA
VDD = 2.4V, Vin = 1.4V
Notes:
*1. RST pin is a Schmitt trigger input.
*2. P0, ALE and /PSEN are tested in the external access mode.
*3. XTAL1 is a CMOS input.
*4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com