Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE812 Datasheet(PDF) 16 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 16 Page - Winbond

Back Button W78LE812 Datasheet HTML 12Page - Winbond W78LE812 Datasheet HTML 13Page - Winbond W78LE812 Datasheet HTML 14Page - Winbond W78LE812 Datasheet HTML 15Page - Winbond W78LE812 Datasheet HTML 16Page - Winbond W78LE812 Datasheet HTML 17Page - Winbond W78LE812 Datasheet HTML 18Page - Winbond W78LE812 Datasheet HTML 19Page - Winbond W78LE812 Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
W78LE812
- 16 -
DC Characteristics, continued
SYMBOL
PARAMETER
SPECIFICATION
TEST CONDITIONS
MIN.
MAX.
UNIT
VIL3
Input Low Voltage
0
0.8
VDD = 5.5V
XTAL1
[*3]
0
0.6
V
VDD = 2.4V
VIH1
Input High Voltage
3.5
VDD +0.2
V
VDD = 5.5V
P1, P2, P3, P4, EA
1.6
VDD +0.2
V
VDD = 2.4V
VIH2
Input High Voltage
3.5
VDD +0.2
V
VDD = 5.5V
RST
1.7
VDD +0.2
V
VDD = 2.4V
VIH3
Input High Voltage
3.5
VDD +0.2
V
VDD = 5.5V
XTAL1
[*4]
1.6
VDD +0.2
V
VDD = 2.4V
Output
VOL1
Output Low Voltage
-
0.45
V
VDD = 4.5V, IOL = +2 mA
P1, P2, P3, P4
-
0.25
V
VDD = 2.4V, IOL = +1 mA
VOL2
Output Low Voltage
-
0.45
V
VDD = 4.5V, IOL = +4 mA
P0, ALE, PSEN
[*4]
-
0.25
V
VDD = 2.4V, IOL = +2 mA
VOL3
Output Low Voltage P3[*6]
-
0.22
V
VDD = 4.5V, IOL = +2 mA
ISK1
Sink current
4
12
mA
VDD = 4.5V, VOL = 0.45V
P1, P2, P3[5], P4<0:4>
1.8
5.4
mA
VDD = 2.4V, VOL = 0.4V
ISK2
Sink current
10
18
mA
VDD = 4.5V, VOL = 0.45V
P0, ALE, PSEN , P4<5:6>
4.5
9
mA
VDD = 2.4V, VOL = 0.4V
ISK3
Sink current P3.4 to P3.7
12
24
mA
VDD = 4.5V, VOL = 0.45V
in High-Drive mode
VOH1
Output High Voltage
2.4
-
V
VDD = 4.5V, VOH = -100
µA
P1, P2, P3, P4
1.4
-
V
VDD = 2.4V, VOH = -20
µA
VOH2
Output High Voltage
2.4
-
V
VDD = 4.5V, IOH = -400
µA
P0, ALE, PSEN
[*4]
1.4
-
V
VDD = 2.4V, IOH = -200
µA
ISR1
Source current
-120
-250
µA
VDD = 4.5V, VOH = 2.4V
P1, P2, P3, P4<0:4>
-20
-40
µA
VDD = 2.4V, VOH = 1.4V
ISR2
Source current
-10
-14
mA
VDD = 4.5V, VOH = 2.4V
P0, ALE, PSEN , P4<5:6>
-1.9
-3.3
mA
VDD = 2.4V, VOH = 1.4V
Notes:
*1. RST pin has an internal pull-down.
*2. Pins of P1 and P3 can source a transition current when they are being externally driven from 1 to 0.
*3. RST is a Schmitt trigger input and XTAL1 is a CMOS input.
*4. P0, P2, ALE and PSEN are tested in the external access mode.
*5. P3.4 to P3.7 are in normal mode.
*6. P3(P3.4
−P3.7) is used LED driver port by set SFR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com