Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE812 Datasheet(PDF) 19 Page - Winbond

Part # W78LE812
Description  8-BIT MTP MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE812 Datasheet(HTML) 19 Page - Winbond

Back Button W78LE812 Datasheet HTML 15Page - Winbond W78LE812 Datasheet HTML 16Page - Winbond W78LE812 Datasheet HTML 17Page - Winbond W78LE812 Datasheet HTML 18Page - Winbond W78LE812 Datasheet HTML 19Page - Winbond W78LE812 Datasheet HTML 20Page - Winbond W78LE812 Datasheet HTML 21Page - Winbond W78LE812 Datasheet HTML 22Page - Winbond W78LE812 Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
W78LE812
Publication Release Date: February 1999
- 19 -
Revision A2
Program Operation
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
VPP Setup Time
TVPS
2.0
-
-
µS
Data Setup Time
TDS
2.0
-
-
µS
Data Hold Time
TDH
2.0
-
-
µS
Address Setup Time
TAS
2.0
-
-
µS
Address Hold Time
TAH
0
-
-
µS
CE
Program Pulse Width for
Program Operation
TPWP
290
300
310
µS
OECTRL Setup Time
TOCS
2.0
-
-
µS
OECTRL Hold Time
TOCH
2.0
-
-
µS
OE
Setup Time
TOES
2.0
-
-
µS
OE
High to Output Float
TDFP
0
-
130
nS
Data Valid from OE
TOEV
-
-
150
nS
Note: Flash data can be accessed only in flash mode. The RST pin must pull in VIH status, the ALE pin must pull in VIL status, and
the PSEN pin must pull in VIH status.
TIMING WAVEFORMS
Program Fetch Cycle
S1
XTAL1
S2
S3
S4
S5
S6
S1
S2
S3
S4
S5
S6
ALE
PORT 2
A0-A7
A0-A7
Data
A0-A7
Code
T
A0-A7
Data
Code
PORT 0
PSEN
PDH,
TPDZ
TPDA
TAAH
TAAS
TPSW
TAPL
TALW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com