Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2578 Datasheet(PDF) 11 Page - ams AG

Part # AS2578
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578 Datasheet(HTML) 11 Page - ams AG

Back Button AS2578 Datasheet HTML 7Page - ams AG AS2578 Datasheet HTML 8Page - ams AG AS2578 Datasheet HTML 9Page - ams AG AS2578 Datasheet HTML 10Page - ams AG AS2578 Datasheet HTML 11Page - ams AG AS2578 Datasheet HTML 12Page - ams AG AS2578 Datasheet HTML 13Page - ams AG AS2578 Datasheet HTML 14Page - ams AG AS2578 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
Rev. 3
11
AS2578 /B
March 1997
ProgrammingMelody
1
SET
5 or 6
*
Temporary MF Select
Setup Procedures
&
Clear Procedure
ANY OTHER
ENTRY
40
sec
SET
Exit programme state
ANY OTHER
ENTRY
Key
1, 2, 3, or 4
SET
LM Codes:
(5) 1 = Melody volume - 17.5 dB
(5) 2 = Melody volume - 11.1 dB
(5) 3 = Melody volume
- 5.5 dB
(5) 4 = Melody volume
0 dB (default)
(6) 1 = Repetition rate 1
(6) 2 = Repetition rate 4 (default)
(6) 3 = Repetition rate 7
(6) 4 = Repetition rate 10
IGNORED
Executing
LM Code
M1-3
MEM
Storing Direct Numbers
Storing Indirect Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com