Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2578 Datasheet(PDF) 12 Page - ams AG

Part # AS2578
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578 Datasheet(HTML) 12 Page - ams AG

Back Button AS2578 Datasheet HTML 8Page - ams AG AS2578 Datasheet HTML 9Page - ams AG AS2578 Datasheet HTML 10Page - ams AG AS2578 Datasheet HTML 11Page - ams AG AS2578 Datasheet HTML 12Page - ams AG AS2578 Datasheet HTML 13Page - ams AG AS2578 Datasheet HTML 14Page - ams AG AS2578 Datasheet HTML 15Page - ams AG AS2578 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet
Rev. 3
12
AS2578 /B
March 1997
Programming Volume of Melody During Ringing
End of ringing
ANY OTHER
ENTRY
Key
1, 2, 3, or 4
LM Codes:
1 = Volume - 17.5 dB
2 = Volume - 11.5 dB
3 = Volume
- 5.5 dB
4 = Volume
0 dB (default)
IGNORED
Executing
LM Code
RINGING
Only one change during a
ringing phase!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com