Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEDFN05V4 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SEDFN05V4
Description  Ultra Low Capacitance TVS Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SEDFN05V4 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SEDFN05V4 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SEDFN05V4 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SEDFN05V4 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SEDFN05V4 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low Capacitance TVS Arrays
Features
Package design optimized for high speed lines
Flow-Through design
Protects four I/O lines
Low capacitance: 0.3pF typical (I/O to I/O)
Low clamping voltage
Low operating voltage: 5V
Solid-state silicon-avalanche technology
General Description
SEDFN05V4 are ultra low capacitance TVS arrays
designed to protect high speed data interfaces.This
series has been specifically designed to protect
sensitive
components
which
are
connected
to
high-speed
data
and
transmission
lines
form
overvoltage
caused
by
ESD(electrostatic
discharge),CDE(Cable
Discharge
Events),and
EFT(electrical fast transients)
Applications
High Definition Multi-Media Interface (HDMI).
Digital Visual Interface (DVI)
DisplayPortTM Interface
MDDI Ports
LVDS
Serial ATA
PCI Express
Complies with the following standards
IEC61000-4-2
Level 4
15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Functional diagram
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
P pk
Peak Pulse Power (tp = 8/20
μs)
150
Watts
I PP
Peak Pulse Current (tp = 8/20
μs)
5
A
V ESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
+/- 17
+/- 12
kV
TJ
Operating Temperature
-55 to +125
°C
T STG
Storage Temperature
-55 to +150
°C
SEDFN05V4
WILLAS ELECTRONIC CORP.
2012-09
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - SEDFN05V4

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SEDFN05V4-TG-WS WILLAS-SEDFN05V4-TG-WS Datasheet
437Kb / 5P
Ultra Low Capacitance TVS Arrays
SEDFN05V4 WILLAS-SEDFN05V4_13 Datasheet
437Kb / 5P
Ultra Low Capacitance TVS Arrays
More results

Similar Description - SEDFN05V4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0522P SEMTECH-RCLAMP0522P Datasheet
621Kb / 13P
Ultra Low Capacitance TVS Arrays
RCLAMP0522PA SEMTECH-RCLAMP0522PA Datasheet
377Kb / 13P
Ultra Low Capacitance TVS Arrays
RCLAMP0544T SEMTECH-RCLAMP0544T Datasheet
765Kb / 10P
RailClamp짰 Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4_13 Datasheet
437Kb / 5P
Ultra Low Capacitance TVS Arrays
logo
Bruckewell Technology L...
ESDF5V4 BWTECH-ESDF5V4 Datasheet
1Mb / 4P
Ultra Low Capacitance TVS Arrays
logo
StarHope
TUSD05K7U SPSEMI-TUSD05K7U Datasheet
562Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Shanghai Leiditech Elec...
ULC0568M LEIDITECH-ULC0568M Datasheet
256Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Semtech Corporation
RCLAMP0522T SEMTECH-RCLAMP0522T Datasheet
348Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
Shanghai Leiditech Elec...
ULC0544T LEIDITECH-ULC0544T Datasheet
2Mb / 10P
Ultra Low Capacitance TVS Arrays
logo
Protek Devices
PAM02SD23XX PROTEC-PAM02SD23XX Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com