Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEDFN05V4 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # SEDFN05V4
Description  Ultra Low Capacitance TVS Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SEDFN05V4 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  SEDFN05V4 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SEDFN05V4 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SEDFN05V4 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SEDFN05V4 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Parameter
Symbol
Parameter
IPP
Maximum
Reverse
Peak
Pulse
Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current
@ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics (Tamb=25
)
℃
VBR
Min.
Vc
VRWM
IRWM.
C
Typ 0v bias
V
V
V
μA
pF
SEDFN05V4
6
15
5
1
0.30
Typical Characteristics
WILLAS ELECTRONIC CORP.
2012-09
Ultra Low Capacitance TVS Arrays
SEDFN05V4
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com