Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41594B Datasheet(PDF) 300 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 300 Page - Microchip Technology

Back Button 41594B Datasheet HTML 296Page - Microchip Technology 41594B Datasheet HTML 297Page - Microchip Technology 41594B Datasheet HTML 298Page - Microchip Technology 41594B Datasheet HTML 299Page - Microchip Technology 41594B Datasheet HTML 300Page - Microchip Technology 41594B Datasheet HTML 301Page - Microchip Technology 41594B Datasheet HTML 302Page - Microchip Technology 41594B Datasheet HTML 303Page - Microchip Technology 41594B Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 300
Preliminary
 2011-2012 Microchip Technology Inc.
28.1.2
ADVANCED MODE
Advanced mode allows full configuration of the trans-
mitter by writing to the Configuration register. Writing
and reading from this register is performed via a
two-wire interface formed by CTRL and DATA pins.
Advanced mode is enabled by applying a rising signal
on the CTRL pin while driving DATA low. Upon detec-
tion of this rising edge, the data applied to the DATA pin
is accepted as register configuration information. Data
bits are clocked on subsequent rising edges of the
clock signal. The first bit of serial data selects register
read or write operation. The timing for module Configu-
ration register ‘write’ is shown in Figure 28-3. When
writing, all 13 data bits must be written to the register.
Similarly, the Configuration register may be read using
the timing of Figure 28-4. When reading, all 13 bits of
configuration and all 43 bits of test data must be read.
The contents of the Configuration register are
described in Table 28-2. During the register ‘write’ or
‘read’ phases, the transmitter remains in Sleep mode.
The CTRL pin is sampled after t
START has elapsed. The
CTRL pin should not be allowed to float.
FIGURE 28-3:
CONFIGURATION REGISTER ‘WRITE’
FIGURE 28-4:
CONFIGURATION REGISTER ‘READ’
CTRL
DATA
R/W
D11
D8
D5
D2
ACC D12
D10
D9
D7
D6
D4
D3
D1
D0
0
0
0
CTRL
DATA
R/W
0
0
D10
D0
ACC 00
0
D12 D11
D1
T42 T41
0
1
0
T1
T0
Legend:
Data pin is an output.
Note 1: When reading the Configuration register,
64 clock cycles on CTRL pin must be
issued, shifting out on DATA pin the 13
Configuration bits, plus 43 internal test
bits. Reading only the 13 Configuration
bits is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com