Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1385TD/883B Datasheet(PDF) 5 Page - Analog Devices

Part # AD1385TD/883B
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385TD/883B Datasheet(HTML) 5 Page - Analog Devices

  AD1385TD/883B Datasheet HTML 1Page - Analog Devices AD1385TD/883B Datasheet HTML 2Page - Analog Devices AD1385TD/883B Datasheet HTML 3Page - Analog Devices AD1385TD/883B Datasheet HTML 4Page - Analog Devices AD1385TD/883B Datasheet HTML 5Page - Analog Devices AD1385TD/883B Datasheet HTML 6Page - Analog Devices AD1385TD/883B Datasheet HTML 7Page - Analog Devices AD1385TD/883B Datasheet HTML 8Page - Analog Devices AD1385TD/883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1385
REV. 0
–5–
Figure 4. Full-Scale Sine Wave Power Spectral Density,
±5 V Range, 16384-Point FFT, 500 kHz Sample Rate
Figure 5. Full-Scale Sine Wave Power Spectral Density,
±5 V Range, 16384-Point FFT, 500 kHz Sample Rate
Figure 6. 100 kHz Intermodulation Performance,
±5 V
Range, 16384-Point FFT, 500 kHz Sample Rate
Figure 1. Spurious-Free Range vs. Input Amplitude,
±5 V Range, 2048-Point FFT, 500 kHz Sample Rate
Figure 2. Spurious-Free Range vs. Input Amplitude,
±10 V Range, 2048-Point FFT, 500 kHz Sample Rate
Figure 3. Full-Scale Sine Wave Power Spectral Density,
±5 V Range, 16384-Point FFT, 500 kHz Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com