Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1385TD/883B Datasheet(PDF) 17 Page - Analog Devices

Part # AD1385TD/883B
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385TD/883B Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1385TD/883B Datasheet HTML 12Page - Analog Devices AD1385TD/883B Datasheet HTML 13Page - Analog Devices AD1385TD/883B Datasheet HTML 14Page - Analog Devices AD1385TD/883B Datasheet HTML 15Page - Analog Devices AD1385TD/883B Datasheet HTML 16Page - Analog Devices AD1385TD/883B Datasheet HTML 17Page - Analog Devices AD1385TD/883B Datasheet HTML 18Page - Analog Devices AD1385TD/883B Datasheet HTML 19Page - Analog Devices AD1385TD/883B Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD1385
REV. 0
–17–
Figure 30. AD1385 Evaluation Board Layout, Layer 1 (Component Side)
Figure 31. AD1385 Evaluation Board Layout, Layer 2 (
±15 V Planes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com