Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10023 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJ10023
Description  40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10023 Datasheet(HTML) 4 Page - Motorola, Inc

  MJ10023 Datasheet HTML 1Page - Motorola, Inc MJ10023 Datasheet HTML 2Page - Motorola, Inc MJ10023 Datasheet HTML 3Page - Motorola, Inc MJ10023 Datasheet HTML 4Page - Motorola, Inc MJ10023 Datasheet HTML 5Page - Motorola, Inc MJ10023 Datasheet HTML 6Page - Motorola, Inc MJ10023 Datasheet HTML 7Page - Motorola, Inc MJ10023 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJ10022 MJ10023
4
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
20
Ω
1
0
PW Varied to Attain
IC = 100 mA
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
t1 [
Lcoil (ICM)
VCC
t2 [
Lcoil (ICM)
Vclamp
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
2
IB1
1
2
5 V
INDUCTIVE TEST CIRCUIT
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 250 V
RL = 12.5 Ω
Pulse Width = 25
µs
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
Ω
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
t1
ICM
tf Clamped
tf
t
t
Vclamp
t2
TIME
VCEM
OUTPUT WAVEFORMS
1
2
TUT
RL
VCC
Figure 7. Inductive Switching Measurements
Figure 8. Typical Peak Reverse Base Current
10
0
VBE(off), REVERSE BASE VOLTAGE (VOLTS)
1.0
2.0
3.0
4.0
8.0
7.0
5.0
3.0
IC = 20 A
IB1 = 1 A
Vclamp = 250 V
TJ = 25°C
9.0
8.0
6.0
4.0
2.0
1.0
7.0
6.0
5.0
Figure 9. Typical Inductive Switching Times
2.0
0
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
0
1.0
2.0
3.0
4.0
8.0
1.0
0.75
0.5
ICM = 20 A
IB1 = 1 A
VCEM = 250 V
1.75
1.25
0.25
7.0
6.0
5.0
tsv @ 100°C
tsv @ 25°C
tc @ 100°C
tc @ 25°C
tfi
trv
IC
VCE
90% IB1
ICM
VCEM
90% VCEM
90% ICM
10%
ICM
2% IC
IB
tsv
tti
tc
TIME
Vclamp
10% VCEM
1.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com