Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10023 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJ10023
Description  40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10023 Datasheet(HTML) 3 Page - Motorola, Inc

  MJ10023 Datasheet HTML 1Page - Motorola, Inc MJ10023 Datasheet HTML 2Page - Motorola, Inc MJ10023 Datasheet HTML 3Page - Motorola, Inc MJ10023 Datasheet HTML 4Page - Motorola, Inc MJ10023 Datasheet HTML 5Page - Motorola, Inc MJ10023 Datasheet HTML 6Page - Motorola, Inc MJ10023 Datasheet HTML 7Page - Motorola, Inc MJ10023 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJ10022 MJ10023
3
Motorola Bipolar Power Transistor Device Data
1.0
2.0
5.0
40
0.4
10
1.0
300
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1.0
2.0
5.0
40
200
50
0.4
Figure 2. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
5.0
2.1
1.8
0.9
0.6
Figure 3. Collector–Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
5.0
0.01
Figure 4. Base–Emitter Saturation Voltage
IB, BASE CURRENT (AMP)
0.1
10
4.5
0.5
VCE = 5 V
0.3
IC = 10 A
4.5
VR, REVERSE VOLTAGE (VOLTS)
20
100
400
– 0.2
Figure 5. Collector Cutoff Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
10 –1
Figure 6. Cob, Output Capacitance
104
40
103
100
0
+ 0.2
+ 0.8
VCE = 250 V
TJ = 125°C
100
°C
75
°C
25
°C
100
30
0.4
10
2.0
10
40
20
+ 0.6
200
100
50
400
200
50
10
IC/IB = 10
TJ = 100°C
TJ = 25°C
5.0
2.0
1.0
0.5
0.2
0.02
0.05
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.2
1.5
2.4
2.7
3.0
2.1
1.8
0.9
0.6
0.3
1.2
1.5
2.4
2.7
3.0
TJ = 100°C
IC = 20 A
VCE @ 100°C
VCE @ 25°C
VBE @ 100°C
VBE @ 25°C
20
IC = 40 A
20
IC/IB = 10
+ 0.4
TYPICAL ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com