Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1819B Datasheet(PDF) 27 Page - Analog Devices

Part # AD1819B
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819B Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1819B Datasheet HTML 20Page - Analog Devices AD1819B Datasheet HTML 21Page - Analog Devices AD1819B Datasheet HTML 22Page - Analog Devices AD1819B Datasheet HTML 23Page - Analog Devices AD1819B Datasheet HTML 24Page - Analog Devices AD1819B Datasheet HTML 25Page - Analog Devices AD1819B Datasheet HTML 26Page - Analog Devices AD1819B Datasheet HTML 27Page - Analog Devices AD1819B Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD1819B
–27–
REV. 0
RESET
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
CS0
CS1
CHAIN_IN
CHAIN_CLK
AD1819B
MASTER
XTAL_IN
XTAL_OUT
22pF
NP0
22pF
NP0
24.576MHz
FL0
DT0
DR0
RFS0
SCLK0
SPORT0
RESET
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
DIGITAL
CONTROLLER
(ADSP-2181)
DVDD
RESET
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
CS0
CS1
CHAIN_IN
CHAIN_CLK
AD1819B
SLAVE 1
XTAL_IN
XTAL_OUT
Figure 17. Two Codec System Example
2.21k *
100
100nF
10nF*
NC
MIC1**
MIC2
AD1819B
VREFOUT
FB
100pF
200Hz < FREQUENCY RESPONSE < 5kHz @ –3dB
NOTES:
*MAY NEED TO OPTIMIZE TO SUIT MICROPHONE
**SELECT MIC1 AND MAX GAIN 20dB +12dB for 10mV
RMS MICROPHONE OUTPUT.
MIC
INPUT
10mV RMS
(mean)
Figure 18. Microphone Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com