Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1819B Datasheet(PDF) 3 Page - Analog Devices

Part # AD1819B
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819B Datasheet(HTML) 3 Page - Analog Devices

  AD1819B Datasheet HTML 1Page - Analog Devices AD1819B Datasheet HTML 2Page - Analog Devices AD1819B Datasheet HTML 3Page - Analog Devices AD1819B Datasheet HTML 4Page - Analog Devices AD1819B Datasheet HTML 5Page - Analog Devices AD1819B Datasheet HTML 6Page - Analog Devices AD1819B Datasheet HTML 7Page - Analog Devices AD1819B Datasheet HTML 8Page - Analog Devices AD1819B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
–3–
REV. 0
AD1819B
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
DAC Test Conditions
Temperature
25
°C
Calibrated
Digital Supply (VDD)
5.0
V
0 dB Attenuation
Analog Supply (VCC)
5.0
V
Input 0 dB
Sample Rate (FS)
48
kHz
10 k
Ω Output Load
Input Signal
1008
Hz
Mute Off
Analog Output Passband
20 Hz to 20 kHz
ADC Test Conditions
VIH (AC-Link)
2.0
V
Calibrated
VIL (AC-Link)
0.8
V
0 dB Gain
VIH (CS0, CS1, CHAIN_IN)
4.0
V
Input –3 dB Relative to Full Scale
VIL (CHAIN_CLK)
1.0
V
Line Input Selected
ANALOG INPUT
Parameter
Min
Typ
Max
Units
Input Voltage (RMS Values Assume Sine Wave Input)
LINE_IN, AUX, CD, VIDEO, PHONE_IN, PC_BEEP
1
V rms
2.83
V p-p
MIC1, MIC2 with +20 dB Gain (M20 = 1)
0.1
V rms
0.283
V p-p
MIC1, MIC2 with 0 dB Gain (M20 = 0)
1
V rms
2.83
V p-p
Input Impedance*
10
k
Ω
Input Capacitance*
15
pF
PROGRAMMABLE GAIN AMPLIFIER—ADC
Parameter
Min
Typ
Max
Units
Step Size (0 dB to 22.5 dB)
1.5
dB
PGA Gain Range Span
22.5
dB
ANALOG MIXER— INPUT GAIN/AMPLIFIERS/ATTENUATORS
Parameter
Min
Typ
Max
Units
Dynamic Range (–60 dB Input THD+N, Referenced to Full Scale, A-Weighted)
CD to LINE_OUT
90
dB
Other to LINE_OUT*
90
dB
Step Size (+12 dB to –34.5 dB): (All Steps Tested)
MIC, LINE_IN, AUX, CD, VIDEO, PHONE_IN, DAC
1.5
dB
Input Gain/Attenuation Range
MIC, LINE_IN, AUX, CD, VIDEO, PHONE_IN, DAC
46.5
dB
Step Size (0 dB to –45 dB): (All Steps Tested)
PC_BEEP
3.0
dB
Input Gain/Attenuation Range: PC_BEEP
45
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS*
Parameter
Min
Typ
Max
Units
Passband
0
0.4
× F
S
Hz
Passband Ripple
±0.09
dB
Transition Band
0.4
× F
S
0.6
× F
S
Hz
Stopband
0.6
× F
S
∞
Hz
Stopband Rejection
–74
dB
Group Delay
12/FS
sec
Group Delay Variation Over Passband
0.0
µs
*Guaranteed, not tested.
Specifications subject to change without notice.
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com