Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1845 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1845 Datasheet HTML 14Page - Analog Devices AD1845 Datasheet HTML 15Page - Analog Devices AD1845 Datasheet HTML 16Page - Analog Devices AD1845 Datasheet HTML 17Page - Analog Devices AD1845 Datasheet HTML 18Page - Analog Devices AD1845 Datasheet HTML 19Page - Analog Devices AD1845 Datasheet HTML 20Page - Analog Devices AD1845 Datasheet HTML 21Page - Analog Devices AD1845 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD1845
–18–
REV. C
RX2A4:0
Right Auxiliary Input #2 Attenuate Select. The least significant bit of this gain/attenuate select represents
1.5 dB. RX2A4:0 = 0 produces a +12 dB gain. RX2A4:0 = “01000” (8 decimal) produces 0 dB gain.
Maximum attenuation is –34.5 dB. See Figure 10.
res
Reserved for future expansion. Always write zeros to these bits.
RMX2
Right Auxiliary #2 Mute. This bit, when set, will mute the right channel of the Auxiliary #2 input source. This bit
powers up set.
This register’s initial state after reset is “1xx0 1000.”
Left DAC Control (IXA3:0 = 6)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
6
LDM
res
LDA5
LDA4
LDA3
LDA2
LDA1
LDA0
LDA5:0
Left DAC Attenuate Select. The least significant bit of this gain/attenuate select represents 1.5 dB. Maximum
attenuation is –94.5 dB. See Figure 7.
res
Reserved for future expansion. Always write a zero to this bit.
LDM
Left DAC Mute. This bit, when set to 1, will mute the left DAC output. This bit powers up active.
This register’s initial state after reset is “1x00 0000.”
Right DAC Control (IXA3:0 = 7)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
7
RDM
res
RDA5
RDA4
RDA3
RDA2
RDA1
RDA0
RDA5:0
Right DAC Attenuate Select. The least significant bit of this gain/attenuate select represents 1.5 dB. Maximum
attenuation is –94.5 dB. See Figure 7.
res
Reserved for future expansion. Always write a zero to this bit.
RDM
Right DAC Mute. This bit, when set to 1, will mute the right DAC output. This bit powers up active.
This register’s initial state after reset is “1x00 0000.”
A5
A4
A3
A2
A1
A0
Mix Gain
000000
1–1.0 dB
000001
1–1.5 dB
000010
1–3.0 dB
000011
1–4.5 dB
000100
1–6.0 dB
000101
1–7.5 dB
000110
1–9.0 dB
000111
–10.5 dB
001000
–12.0 dB
001001
–13.5 dB
001010
–15.0 dB
001011
–16.5 dB
•
•••••
•
•
•••••
•
•
•••••
•
110100– 78.0 dB
110101– 79.5 dB
110110– 81.0 dB
110111– 82.5 dB
111000– 84.0 dB
111001– 85.5 dB
111010– 87.0 dB
111011– 88.5 dB
111100– 90.0 dB
111101– 91.5 dB
111110– 93.0 dB
111111– 94.5 dB
Figure 7. Mix Gain Level Setting: DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com