Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1845 Datasheet(PDF) 32 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD1845 Datasheet HTML 28Page - Analog Devices AD1845 Datasheet HTML 29Page - Analog Devices AD1845 Datasheet HTML 30Page - Analog Devices AD1845 Datasheet HTML 31Page - Analog Devices AD1845 Datasheet HTML 32Page - Analog Devices AD1845 Datasheet HTML 33Page - Analog Devices AD1845 Datasheet HTML 34Page - Analog Devices AD1845 Datasheet HTML 35Page - Analog Devices AD1845 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD1845
–32–
REV. C
Hardware Controlled States
The hardware power-down states are accessed by bringing the
PWRDWN or RESET pin LO. Either of these signals place the
AD1845 into the maximum power conservation mode. Bringing
the
PWRDWN or RESET pin HI will power-up the codec in
approximately 512 ms (see the Power-Up and Reset section of
this data sheet).
•
Power-Down:
PWRDWN immediately puts the AD1845 into
its lowest power-down state. The AD1845’s parallel inter-
face will not function and all bidirectional signal lines will be
in a high-impedance state.
•
Reset:
RESET powers down the AD1845 gradually to its
lowest power-down state. The AD1845 performs a se-
quenced power-down that eliminates audible effects from the
DAC’s output. The XTAL1 input must be clocked for the
minimum duration of the
RESET pulsewidth. The
AD1845’s parallel interface will not function and all bidirec-
tional signal lines will be in a high-impedance state. Note:
the clock must operate during the software or hardware
power-down process.
Software Controlled States
To enter the Total Power-Down mode requires entering the
Mode Change Enable (MCE) state. After entering MCE, the
Total Power-Down mode can be accessed by writing a “1” to
the TOTPWD bit in the Total Power-Down Register. Exiting
the Total Power-Down mode (writing a “0” to the TOTPWD
bit in the Total Power-Down Register) will initialize the
AD1845 in approximately 512 ms (see the Power-Up and Reset
section of this data sheet).
•
Total Power-Down: In the Total Power-Down mode the
ADC, DAC, Mixer, and voltage reference are turned off,
but the digital interface remains active awaiting power-up.
All ADC and DAC data is flushed including data in the
capture and playback FIFOs.
To enter the software controlled power-down states in the
Power-Down Control Register, write a “1” to the control bits.
Advanced
Power-Down
PWRDWN
RESET
TOTPWD ADCPWD DACPWD MIXPWD Power-Down
Power-Up
Power
Mode
Pin
Pin
Bit
Bit
Bit
Bit
Delay*
Delay*
Dissipation
Operating
HI
HI
0
0
0
0
x
x
600 mW
1. Power-Down
LO
x
x
x
x
x
0 s
512 ms
10 mW
2. Reset
HI
LO
x
x
x
x
3 ms
512 ms
10 mW
3. Total Power-Down
HI
HI
1
x
x
x
3 ms
512 ms
150 mW
4. Standby
HI
HI
0
1
x
1
1/FS
1/FS
180 mW
5. Mixer Power-Down HI
HI
0
0
x
1
1/FS
1/FS
350 mW
6. Mixer Only
HI
HI
0
1
1
0
1/FS
1/FS
260 mW
7. ADC Power-Down
HI
HI
0
1
0
0
1/FS
1/FS
400 mW
8. DAC Power-Down
HI
HI
0
0
1
0
1/FS
1/FS
425 mW
“x” = Don’t Care
*Values shown are derived using a 24.576 MHz input clock source.
All values are proportional to the input clock source.
Figure 26. Advanced Power-Down Mode Summary
POWER-UP AND RESET
The
PWRDWN and RESET pin should be held in the active LO
state when power is first applied to the AD1845. The AD1845’s
initialization commences when
PWRDWN and RESET have both
been deasserted (HI). While initializing, the AD1845 ignores all
writes and all reads will yield “1000 0000 (80h).” At the conclu-
sion of initialization, all registers will be set to their default values as
listed in Figure 5. When CDAK and PDAK are inactive during
power-up or reset, the conclusion of the initialization period,
after approximately 512 ms, can be detected by polling the
index register for some value other than “1000 0000 (80h).”
Upon power-up the AD1845 enters the Mode Change Enable
(MCE) state. In the default condition, the AD1845 expects to
receive a 24.576 MHz input clock source. To change the selec-
tion of the current or default input clock source, follow the steps
listed below:
•
Wait for the AD1845 to initialize.
•
Set the MODE2 bit to 1.
•
Enter the MCE state, write to the Crystal/Clock Input Fre-
quency Select bits (XFS2:0) to select the desired frequency.
•
The AD1845 will now resynchronize its internal states to the
new clock. Writes to the AD1845 will be ignored. Poll the
index register for some value other than “1000 0000 (80h).”
•
Clear the MCE bit.
ADVANCED POWER-DOWN MODES
The AD1845 has eight Advanced Power-Down Modes available
at any time. The user can control these power-down modes
through hardware by asserting the
PWRDWN and RESET pins
or through software by writing to the Power-Down and the
Total Power-Down Control Registers. Figure 26 summarizes
the power-down delay, power-up delay, and power dissipation
for each power-down mode. A priority listing and description of
the power-down modes follows. Note that the hardware con-
trolled Power-Down and Reset modes take precedence over the
software controlled power-down states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com